Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP2177ARMZ Datasheet (PDF) - Analog Devices

OP2177ARMZ Datasheet PDF - Analog Devices
Part # OP2177ARMZ
Download  OP2177ARMZ Download
File Size   398.49 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Low Noise, Low Input Bias Current Operational Amplifiers

OP2177ARMZ Datasheet (PDF)

Go To PDF Page Download Datasheet
OP2177ARMZ Datasheet PDF - Analog Devices

Part # OP2177ARMZ
Download  OP2177ARMZ Click to download

File Size   398.49 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Low Noise, Low Input Bias Current Operational Amplifiers

OP2177ARMZ Datasheet (HTML) - Analog Devices


OP2177ARMZ Product details

FEATURES
Low offset voltage: 60 μV maximum Very low offset voltage drift: 0.7 μV/°C maximum
Low input bias current: 2 nA maximum
Low noise: 8 nV/√Hz typical CMRR, PSRR, and AVO > 120 dB minimum
Low supply current: 400 μA per amplifier
Dual supply operation: ±2.5 V to ±15 V
Unity-gain stable
No phase reversal
Inputs internally protected beyond supply voltage
APPLICATIONS
Wireless base station control circuits
Optical network control circuits
Instrumentation
Sensors and controls
Thermocouples
Resistor thermal detectors (RTDs) Strain bridges
Shunt current measurements Precision filters




Similar Part No. - OP2177ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP2177ARMZ-R2 AD-OP2177ARMZ-R2 Datasheet
493Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. E
OP2177ARMZ-R71 AD-OP2177ARMZ-R71 Datasheet
479Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
OP2177ARMZ-REEL AD-OP2177ARMZ-REEL Datasheet
493Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. E
OP2177ARMZ-REEL1 AD-OP2177ARMZ-REEL1 Datasheet
479Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
OP2177ARMZ1 AD-OP2177ARMZ1 Datasheet
479Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
More results


Similar Description - OP2177ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8671 AD-AD8671 Datasheet
92Kb / 4P
Precision Very Low Noise Low Input Bias Current Operational Amplifiers
OP1177 AD-OP1177 Datasheet
245Kb / 20P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
11/01-Data Sheet changed from REV. 0 to REV. A.
OP1177 AD-OP1177_07 Datasheet
493Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. E
AD8671 AD-AD8671_05 Datasheet
465Kb / 16P
Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
REV. C
ADA4610-2 AD-ADA4610-2 Datasheet
149Kb / 4P
Precision, Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. PrA
AD8672ARMZ AD-AD8672ARMZ Datasheet
439Kb / 20P
Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
OP1177 AD-OP1177_09 Datasheet
479Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
OP1177 AD-OP1177_15 Datasheet
479Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
OP2177 AD-OP2177_15 Datasheet
479Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
OP4177 AD-OP4177_15 Datasheet
479Kb / 24P
Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com