Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCS1133 Datasheet (PDF) - Texas Instruments

TMCS1133 Datasheet PDF - Texas Instruments
Part # TMCS1133
Download  TMCS1133 Download
File Size   2729.32 Kbytes
Page   41 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMCS1133 Precision 1MHz Hall-Effect Current Sensor With Reinforced Isolation Working Voltage, Overcurrent Detection and Ambient Field Rejection

TMCS1133 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMCS1133 Datasheet PDF - Texas Instruments

Part # TMCS1133
Download  TMCS1133 Click to download

File Size   2729.32 Kbytes
Page   41 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMCS1133 Precision 1MHz Hall-Effect Current Sensor With Reinforced Isolation Working Voltage, Overcurrent Detection and Ambient Field Rejection

TMCS1133 Datasheet (HTML) - Texas Instruments


TMCS1133 Product details

1 Features
• High continuous current capability: 80ARMS
• Robust reinforced isolation
• High accuracy
– Sensitivity error: ±0.1%
– Sensitivity thermal drift: ±20ppm/°C
– Sensitivity lifetime drift: ±0.2%
– Offset error: ±0.2mV
– Offset thermal drift: ±10μV/°C
– Offset lifetime drift: ±0.2mV
– Non-linearity: ±0.1%
• High immunity to external magnetic fields
• Fast Response
– Signal bandwidth: 1MHz
– Response time: 120ns
– Propagation delay: 50ns
– Overcurrent detection response: 100ns
• Operating supply range: 3V to 5.5V
• Bidirectional and unidirectional current sensing
• Multiple sensitivity options:
– Ranging from 20mV/A to 150mV/A
• Safety related certifications (planned)
– UL 1577 Component Recognition Program
– IEC/CB 62368-1

2 Applications
• Solar Energy
• EV charging
• Power supplies
• Industrial AC/DC

3 Description
The TMCS1133 is a galvanically isolated Hall-effect
current sensor with industry leading isolation and
accuracy. An output voltage proportional to the
input current is provided with excellent linearity and
low drift at all sensitivity options. Precision signal
conditioning circuitry with built-in drift compensation is
capable of less than 1.4% maximum sensitivity error
over temperature and lifetime with no system level
calibration, or less than 0.9% maximum sensitivity
error including both lifetime and temperature drift with
a one-time calibration at room temperature.
AC or DC input current flows through an internal
conductor generating a magnetic field measured
by integrated, on-chip, Hall-effect sensors. Coreless
construction eliminates the need for magnetic
concentrators. Differential Hall sensors reject
interference from stray external magnetic fields. Low
conductor resistance increases measurable current
ranges up to ±96A while minimizing power loss and
easing thermal dissipation requirements. Insulation
capable of withstanding 5kVRMS, coupled with a
minimum of 8mm creepage and clearance, provides
high levels of reliable lifetime reinforced working
voltage. Integrated shielding enables excellent
common-mode rejection and transient immunity.
Fixed sensitivity allows the device to operate from a
single 3V to 5.5V power supply, eliminating ratiometry
errors and improving supply noise rejection.




Similar Part No. - TMCS1133

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMCS1133 TI-TMCS1133 Datasheet
2Mb / 36P
TMCS1133 Precision 1 MHz Hall-Effect Current Sensor With ±1100V Reinforced Isolation Working Voltage, Overcurrent Detection and Ambient Field Rejection
OCTOBER 2023
TMCS1133 TI1-TMCS1133 Datasheet
2Mb / 40P
TMCS1133 Precision 1MHz Hall-Effect Current Sensor With Reinforced Isolation Working Voltage, Overcurrent Detection and Ambient Field Rejection
APRIL 2024
TMCS1133 TI-TMCS1133 Datasheet
2Mb / 41P
TMCS1133 Precision 1MHz Hall-Effect Current Sensor With Reinforced Isolation Working Voltage, Overcurrent Detection and Ambient Field Rejection
AUGUST 2024
TMCS1133 TI1-TMCS1133 Datasheet
3Mb / 44P
TMCS1133-Q1 AEC-Q100, Precision 1MHz Hall-Effect Current Sensor With Reinforced Working Voltage, Overcurrent Detection and Ambient Field Rejection
FEBRUARY 2025
TMCS1133-Q1 TI1-TMCS1133-Q1 Datasheet
2Mb / 40P
TMCS1133-Q1 AEC-Q100, Precision 1MHz Hall-Effect Current Sensor With Reinforced Working Voltage, Overcurrent Detection and Ambient Field Rejection
JULY 2024
More results


Similar Description - TMCS1133

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SC210KSIT SECELECTRONICS-SC210KSIT Datasheet
1Mb / 13P
120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
logo
Texas Instruments
TMCS1100 TI1-TMCS1100_V01 Datasheet
1Mb / 50P
TMCS1100 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1101 TI1-TMCS1101_V01 Datasheet
1Mb / 48P
TMCS1101 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
logo
Allegro MicroSystems
ACS37612 ALLEGRO-ACS37612 Datasheet
2Mb / 22P
Coreless, High Precision, Hall-Effect Current Sensor IC with Common-Mode Field Rejection and High Bandwidth (240 kHz)
logo
Texas Instruments
TMCS1107 TI-TMCS1107 Datasheet
2Mb / 41P
TMCS1107 3% Basic Isolation Hall-Effect Current Sensor With 짹420-V Working Voltage
TMCS1108 TI-TMCS1108 Datasheet
2Mb / 40P
TMCS1108 3% Functional Isolation Hall-Effect Current Sensor With 짹100-V Working Voltage
logo
Allegro MicroSystems
ACS37610 ALLEGRO-ACS37610 Datasheet
3Mb / 40P
Coreless, High Precision, Hall-Effect Current Sensor IC with Common-Mode Field Rejection, Overcurrent and Overtemperature Detection
Rev. 1 January 26, 2023
logo
Texas Instruments
TMCS1123 TI1-TMCS1123 Datasheet
1Mb / 35P
TMCS1123 Precision Hall-Effect Current Sensor With ±1100V Reinforced Isolation Working Voltage, Overcurrent Detection and Ambient Field Rejection
JULY 2023
TMCS1133 TI-TMCS1133 Datasheet
2Mb / 36P
TMCS1133 Precision 1 MHz Hall-Effect Current Sensor With ±1100V Reinforced Isolation Working Voltage, Overcurrent Detection and Ambient Field Rejection
OCTOBER 2023
TMCS1126 TI1-TMCS1126 Datasheet
2Mb / 39P
TMCS1126 Precision 500kHz Hall-Effect Current Sensor With ±1100V Reinforced Isolation Working Voltage, Overcurrent Detection and Ambient Field Rejection
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com