Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

812030W Datasheet (PDF) - Alpha Wire

812030W Datasheet PDF - Alpha Wire
Part # 812030W
Download  812030W Download
File Size   388.77 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description RoHS-Compliant Commencing With 7/1/2005 Production

812030W Datasheet (PDF)

Go To PDF Page Download Datasheet
812030W Datasheet PDF - Alpha Wire

Part # 812030W
Download  812030W Click to download

File Size   388.77 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description RoHS-Compliant Commencing With 7/1/2005 Production

812030W Datasheet (HTML) - Alpha Wire


812030W Product details

1) Construction
a) Material 9 Ply Round Polyester, high tenacity, continuous filament
b) Finish Microcrystalline fungicide wax, mercury and copper free
c) Dimensions 0.045 " nominal
d) Color White




Similar Part No. - 812030W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
81203 ETC2-81203 Datasheet
37Kb / 1P
Antistatic Cellulose Tape
logo
Ulti-Mate Connector Inc
812031000 ULTI-MATE-812031000 Datasheet
42Kb / 1P
Micro Circular Solder Cup 5 Socket No Hardware Plastic Shell 125 Max Temp No QPL
02-13-13
812031120 ULTI-MATE-812031120 Datasheet
43Kb / 1P
Micro Circular Wired 5 Socket No Hardware 26 AWG Stranded w/ Teflon insulation (NEMA HP3-EX) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
02-13-13
More results


Similar Description - 812030W

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74737-0002 MOLEX-74737-0002 Datasheet
266Kb / 2P
RoHS Compliant 1-by-1 SFP Cage
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
GeneSiC Semiconductor, ...
GBJ6B GENESIC-GBJ6B Datasheet
843Kb / 3P
Compliant with RoHS Provisions
GBJ6J GENESIC-GBJ6J Datasheet
842Kb / 3P
Compliant with RoHS Provisions
GBJ10B GENESIC-GBJ10B Datasheet
618Kb / 3P
Compliant with RoHS Provisions
GBJ15B GENESIC-GBJ15B Datasheet
847Kb / 3P
Compliant with RoHS Provisions
GBJ15J GENESIC-GBJ15J Datasheet
847Kb / 3P
Compliant with RoHS Provisions
GBJ20J GENESIC-GBJ20J Datasheet
773Kb / 3P
Compliant with RoHS Provisions
GBJ25B GENESIC-GBJ25B Datasheet
796Kb / 3P
Compliant with RoHS Provisions
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com