Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW23 Datasheet (PDF) - Alpha Wire

SW23 Datasheet PDF - Alpha Wire
Part # SW23
Download  SW23 Download
File Size   387.01 Kbytes
Page   3 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description RoHS-Compliant Commencing With 10/1/2004 Production

SW23 Datasheet (PDF)

Go To PDF Page Download Datasheet
SW23 Datasheet PDF - Alpha Wire

Part # SW23
Download  SW23 Click to download

File Size   387.01 Kbytes
Page   3 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description RoHS-Compliant Commencing With 10/1/2004 Production

SW23 Datasheet (HTML) - Alpha Wire


SW23 Product details

Construction
Product Spiral Wrap Tubing
Material Nylon
Color Natural
Flamability Self Extinguishing
Dimensions:
Outside Diameter 0.500" +/- 0.030"
Inside Diameter 0.430", Nominal
Wall Thickness 0.035", Nominal
Pitch 0.500",Nominal
Pitch Direction Right Hand




Similar Part No. - SW23

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW23000 SUNNYWAY-SW23000 Datasheet
401Kb / 1P
Telecom & Industry stationary battery
SW230000 SUNNYWAY-SW230000 Datasheet
477Kb / 1P
Telecom & Industry stationary battery
SW230000E SUNNYWAY-SW230000E Datasheet
538Kb / 1P
Photovaltaic & wind power battery
SW230000E SUNNYWAY-SW230000E Datasheet
493Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW230000E SUNNYWAY-SW230000E_17 Datasheet
493Kb / 1P
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
More results


Similar Description - SW23

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74737-0002 MOLEX-74737-0002 Datasheet
266Kb / 2P
RoHS Compliant 1-by-1 SFP Cage
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
GeneSiC Semiconductor, ...
GBJ6B GENESIC-GBJ6B Datasheet
843Kb / 3P
Compliant with RoHS Provisions
GBJ6J GENESIC-GBJ6J Datasheet
842Kb / 3P
Compliant with RoHS Provisions
GBJ10B GENESIC-GBJ10B Datasheet
618Kb / 3P
Compliant with RoHS Provisions
GBJ15B GENESIC-GBJ15B Datasheet
847Kb / 3P
Compliant with RoHS Provisions
GBJ15J GENESIC-GBJ15J Datasheet
847Kb / 3P
Compliant with RoHS Provisions
GBJ20J GENESIC-GBJ20J Datasheet
773Kb / 3P
Compliant with RoHS Provisions
GBJ25B GENESIC-GBJ25B Datasheet
796Kb / 3P
Compliant with RoHS Provisions
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com