Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW34 Datasheet (PDF) - Alpha Wire

SW34 Datasheet PDF - Alpha Wire
Part # SW34
Download  SW34 Download
File Size   386.89 Kbytes
Page   3 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description RoHS-Compliant Commencing With 10/1/2004 Production

SW34 Datasheet (PDF)

Go To PDF Page Download Datasheet
SW34 Datasheet PDF - Alpha Wire

Part # SW34
Download  SW34 Click to download

File Size   386.89 Kbytes
Page   3 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description RoHS-Compliant Commencing With 10/1/2004 Production

SW34 Datasheet (HTML) - Alpha Wire


SW34 Product details

Construction
Product Spiral Wrap Tubing
Material PTFE
Color Natural / Black
Flamability UL VW-1
Dimensions:
Outside Diameter 0.750" +/- 0.020"
Inside Diameter 0.686", Nominal
Wall Thickness 0.032", Nominal
Pitch 0.750",Nominal
Pitch Direction Right Hand




Similar Part No. - SW34

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SW3404 VBSEMI-SW3404 Datasheet
491Kb / 9P
N-Channel 30-V (D-S) MOSFET
logo
Xian Semipower Electron...
SW3406 SEMIPOWER-SW3406 Datasheet
836Kb / 6P
N-channel Enhanced mode SOT-23 MOSFET
logo
VBsemi Electronics Co.,...
SW3406 VBSEMI-SW3406 Datasheet
491Kb / 9P
N-Channel 30-V (D-S) MOSFET
logo
Xian Semipower Electron...
SW340R10ET SEMIPOWER-SW340R10ET Datasheet
831Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
SW340R10VT SEMIPOWER-SW340R10VT Datasheet
560Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
More results


Similar Description - SW34

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74737-0002 MOLEX-74737-0002 Datasheet
266Kb / 2P
RoHS Compliant 1-by-1 SFP Cage
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
GeneSiC Semiconductor, ...
GBJ6B GENESIC-GBJ6B Datasheet
843Kb / 3P
Compliant with RoHS Provisions
GBJ6J GENESIC-GBJ6J Datasheet
842Kb / 3P
Compliant with RoHS Provisions
GBJ10B GENESIC-GBJ10B Datasheet
618Kb / 3P
Compliant with RoHS Provisions
GBJ15B GENESIC-GBJ15B Datasheet
847Kb / 3P
Compliant with RoHS Provisions
GBJ15J GENESIC-GBJ15J Datasheet
847Kb / 3P
Compliant with RoHS Provisions
GBJ20J GENESIC-GBJ20J Datasheet
773Kb / 3P
Compliant with RoHS Provisions
GBJ25B GENESIC-GBJ25B Datasheet
796Kb / 3P
Compliant with RoHS Provisions
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com