Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1241926 Datasheet (PDF) - PHOENIX CONTACT

1241926 Datasheet PDF - PHOENIX CONTACT
Part # 1241926
Download  1241926 Download
File Size   388.13 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SF-7EP1N8A90A2X - Coupler connector

1241926 Datasheet (PDF)

Go To PDF Page Download Datasheet
1241926 Datasheet PDF - PHOENIX CONTACT

Part # 1241926
Download  1241926 Click to download

File Size   388.13 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SF-7EP1N8A90A2X - Coupler connector

1241926 Datasheet (HTML) - PHOENIX CONTACT


1241926 Product details

Coupler connector, straight short, for standard and SPEEDCON interlock, M23, number of
positions: 4+3+PE, contact connection type: Pin, shielded: yes, degree of protection: IP67, cable
diameter range: 9 mm ... 11 mm, Compatible with mating connectors with SPEEDCON or M23
standard knurled nuts, number of positions: 8, connection method: Crimp connection, series: SF,
Item is lead-free in accordance with RoHS II without Exemption 6c (Pb < 0.1 %)

Your advantages
• Consistent EMC protection for reliable connection solutions in the industrial environment
• Crimping connection: vibration- and temperature-resistant assembly
• Flexible use: reliably connect various cable diameters




Similar Part No. - 1241926

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1241920 TEC-1241920 Datasheet
253Kb / 10P
Verarbeitungs-Spezifikation
1241921 TEC-1241921 Datasheet
253Kb / 10P
Verarbeitungs-Spezifikation
logo
PHOENIX CONTACT
1241921 PHOENIX-1241921 Datasheet
192Kb / 5P
SF-10KP0,06-1,00 - Crimp contact
1241923 PHOENIX-1241923 Datasheet
191Kb / 5P
SF-10KS0,50-1,50 - Crimp contact
1241924 PHOENIX-1241924 Datasheet
494Kb / 11P
SF-7EE1N8AS000X - Panel feed-through
More results


Similar Description - 1241926

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1605499 PHOENIX-1605499 Datasheet
346Kb / 8P
Coupler connector - SF-5EP1N8A90DU
02/04/2022
1605575 PHOENIX-1605575 Datasheet
614Kb / 17P
SF-7EP1N8A90DU - Coupler connector
1605583 PHOENIX-1605583 Datasheet
631Kb / 18P
SF-7EP1N8A9LDL - Coupler connector
1605505 PHOENIX-1605505 Datasheet
583Kb / 16P
SF-5EP1N8A9LB1 - Coupler connector
1605509 PHOENIX-1605509 Datasheet
586Kb / 16P
SF-5EP1N8A9LB4 - Coupler connector
1605519 PHOENIX-1605519 Datasheet
515Kb / 13P
SF-5EP1N8AF4DU - Coupler connector
1605496 PHOENIX-1605496 Datasheet
571Kb / 16P
SF-5EP1N8A90A2 - Coupler connector
1605578 PHOENIX-1605578 Datasheet
630Kb / 18P
SF-7EP1N8A9LB1 - Coupler connector
1605494 PHOENIX-1605494 Datasheet
571Kb / 16P
SF-5EP1N8A90A1 - Coupler connector
1241925 PHOENIX-1241925 Datasheet
450Kb / 11P
SF-7EP1N8A90A1X - Coupler connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com