Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADH395S Datasheet (PDF) - Analog Devices

ADH395S Datasheet PDF - Analog Devices
Part # ADH395S
Download  ADH395S Download
File Size   196.15 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DC to 4.0GHz Gain Block Amplifier

ADH395S Datasheet (PDF)

Go To PDF Page Download Datasheet
ADH395S Datasheet PDF - Analog Devices

Part # ADH395S
Download  ADH395S Click to download

File Size   196.15 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DC to 4.0GHz Gain Block Amplifier

ADH395S Datasheet (HTML) - Analog Devices




Similar Part No. - ADH395S

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADH346-701G8 AD-ADH346-701G8 Datasheet
161Kb / 7P
DC to 8 GHz Voltage-Variable Attenuator
ADH346S AD-ADH346S Datasheet
161Kb / 7P
DC to 8 GHz Voltage-Variable Attenuator
ADH347-701LH5 AD-ADH347-701LH5 Datasheet
218Kb / 7P
DC to 14 GHz SPDT Non-Reflective Switch
Rev. A
ADH347S AD-ADH347S Datasheet
218Kb / 7P
DC to 14 GHz SPDT Non-Reflective Switch
Rev. A
ADH361R701G8 AD-ADH361R701G8 Datasheet
202Kb / 7P
DC to 12 GHz Divide-by-2
More results


Similar Description - ADH395S

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8035 TRIQUINT-TGA8035 Datasheet
222Kb / 7P
Gain Block Amplifier
TGA8161 TRIQUINT-TGA8161 Datasheet
562Kb / 7P
Gain Block Amplifier
TGA8300 TRIQUINT-TGA8300 Datasheet
176Kb / 7P
Gain Block Amplifier
TGA8320 TRIQUINT-TGA8320 Datasheet
526Kb / 7P
Gain Block Amplifier
TGA8349 TRIQUINT-TGA8349 Datasheet
309Kb / 7P
Gain Block Amplifier
TGA8810 TRIQUINT-TGA8810 Datasheet
219Kb / 7P
Gain Block Amplifier
TGA8300-SCC TRIQUINT-TGA8300-SCC Datasheet
176Kb / 7P
Gain Block Amplifier
logo
Advanced Semiconductor ...
ASF130 ASB-ASF130_17 Datasheet
536Kb / 11P
Gain Block Amplifier MMIC over DC ~1000MHz
February 2017
ASF133 ASB-ASF133_17 Datasheet
456Kb / 9P
Gain Block Amplifier MMIC over DC ~1000MHz
February 2017
ASF140 ASB-ASF140_17 Datasheet
459Kb / 9P
Gain Block Amplifier MMIC over DC ~1000MHz
February 2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com