Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV509 Datasheet (PDF) - Supertex, Inc

HV509 Datasheet PDF - Supertex, Inc
Part # HV509
Download  HV509 Download
File Size   764.36 Kbytes
Page   8 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs

HV509 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV509 Datasheet PDF - Supertex, Inc

Part # HV509
Download  HV509 Click to download

File Size   764.36 Kbytes
Page   8 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs

HV509 Datasheet (HTML) - Supertex, Inc


HV509 Product details

General Description

The HV509 is a 200V, 16-channel serial to parallel converter. The high voltage outputs and the backplane driver are designed to source and sink ±1.0mA.



Features

HVCMOS® technology

Output voltage up to +200V

Shift register speed 500kHz @ VDD = 2.0V

16 high voltage outputs

High voltage backplane driver

CMOS input levels



Applications

Multiple segment EL display

Piezoelectric transducer driver

Braille driver


 




Similar Part No. - HV509

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV509 SUTEX-HV509 Datasheet
565Kb / 8P
16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
HV509K6-G SUTEX-HV509K6-G Datasheet
565Kb / 8P
16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
HV509 SUTEX-HV509_08 Datasheet
565Kb / 8P
16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
More results


Similar Description - HV509

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5308B SUTEX-HV5308B Datasheet
462Kb / 6P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV514 SUTEX-HV514 Datasheet
1Mb / 6P
8-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs
HV528 SUTEX-HV528 Datasheet
703Kb / 8P
16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
HV3418PG-G SUTEX-HV3418PG-G Datasheet
598Kb / 7P
64-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308PG-B-G SUTEX-HV5308PG-B-G Datasheet
997Kb / 12P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308PJ-B-G SUTEX-HV5308PJ-B-G Datasheet
997Kb / 12P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5408PJ-B-G SUTEX-HV5408PJ-B-G Datasheet
999Kb / 12P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV528 SUTEX-HV528_08 Datasheet
546Kb / 8P
16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
HV509 SUTEX-HV509_08 Datasheet
565Kb / 8P
16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
HV9808 SUTEX-HV9808_14 Datasheet
481Kb / 7P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com