Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1619037 Datasheet (PDF) - PHOENIX CONTACT

1619037 Datasheet PDF - PHOENIX CONTACT
Part # 1619037
Download  1619037 Download
File Size   1571.88 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ST-08P1N8AW400S - Device connector front mounting

1619037 Datasheet (PDF)

Go To PDF Page Download Datasheet
1619037 Datasheet PDF - PHOENIX CONTACT

Part # 1619037
Download  1619037 Click to download

File Size   1571.88 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ST-08P1N8AW400S - Device connector front mounting

1619037 Datasheet (HTML) - PHOENIX CONTACT


1619037 Product details

Device connector front mounting, straight, for standard and SPEEDCON interlock, M17, number
of positions: 8, contact connection type: Pin, shielded: yes, flange dimensions: 21.6 mm x 21.
6 mm, degree of protection: IP67, number of positions: 8, connection method: Crimp connection,
series: ST

Your advantages
• Ideal for compact devices
• Consistent EMC protection for reliable connection solutions in the industrial environment
• Crimping connection: vibration- and temperature-resistant assembly




Similar Part No. - 1619037

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1619030000 WEIDMULLER-1619030000 Datasheet
294Kb / 4P
SL 3.50/21/90 3.2SN OR BX
logo
PHOENIX CONTACT
1619034 PHOENIX-1619034 Datasheet
619Kb / 15P
ST-08P1N8AH100S - Device connector rear mounting
1619035 PHOENIX-1619035 Datasheet
648Kb / 15P
ST-08S1N8AH100S - Device connector, rear mounting
1619036 PHOENIX-1619036 Datasheet
619Kb / 15P
ST-08S1N8A6100S - Device connector front mounting
More results


Similar Description - 1619037

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1607746 PHOENIX-1607746 Datasheet
1Mb / 15P
ST-7EP1N8AW400S - Device connector front mounting
1613590 PHOENIX-1613590 Datasheet
639Kb / 16P
ST-7EP1N8A6100S - Device connector front mounting
1619218 PHOENIX-1619218 Datasheet
537Kb / 15P
ST-7ES1N8AW500S - Device connector front mounting
1607694 PHOENIX-1607694 Datasheet
1Mb / 14P
ST-3ES1N8AWQ00S - Device connector front mounting
1619206 PHOENIX-1619206 Datasheet
644Kb / 14P
ST-17S1N8AWK00S - Device connector front mounting
1607675 PHOENIX-1607675 Datasheet
1Mb / 13P
ST-3EP1N8AWQ00S - Device connector front mounting
1607709 PHOENIX-1607709 Datasheet
1Mb / 13P
ST-5EP1N8AAD00S - Device connector front mounting
1607710 PHOENIX-1607710 Datasheet
1Mb / 13P
ST-5EP1N8AW400S - Device connector front mounting
1607727 PHOENIX-1607727 Datasheet
1Mb / 13P
ST-5ES1N8AW400S - Device connector front mounting
1619214 PHOENIX-1619214 Datasheet
523Kb / 13P
ST-5ES1N8AW500S - Device connector front mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com