Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1910296 Datasheet (PDF) - PHOENIX CONTACT

1910296 Datasheet PDF - PHOENIX CONTACT
Part # 1910296
Download  1910296 Download
File Size   554.8 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCVW 2,5/11-STF - PCB connector

1910296 Datasheet (PDF)

Go To PDF Page Download Datasheet
1910296 Datasheet PDF - PHOENIX CONTACT

Part # 1910296
Download  1910296 Click to download

File Size   554.8 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCVW 2,5/11-STF - PCB connector

1910296 Datasheet (HTML) - PHOENIX CONTACT


1910296 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials:
11, number of rows: 1, number of positions: 11, number of connections: 11, product range:
FKCVW 2,5/..-STF, pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: -90 °, locking clip: - Locking clip, plug-in system: COMBICON MSTB 2,5,
locking: Screw locking mechanism, mounting: Screw flange, type of packaging: packed in
cardboard

Your advantages
• Time saving push-in connection, tools not required
• Intuitive operation due to color-coded actuating push button
• Quick and convenient testing using integrated test option
• Screwable flange for superior mechanical stability
• Can be combined with the MSTB 2,5 range




Similar Part No. - 1910296

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
191029 FESTO-191029 Datasheet
97Kb / 1P
Vacuum cup without connector
6/19/22
More results


Similar Description - 1910296

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1910348 PHOENIX-1910348 Datasheet
80Kb / 5P
Printed-circuit board connector - FKCVW 2,5/16-STF
1873896 PHOENIX-1873896 Datasheet
91Kb / 5P
Printed-circuit board connector - FKCVW 2,5/11-STF-5,08
1910270 PHOENIX-1910270 Datasheet
80Kb / 5P
Printed-circuit board connector - FKCVW 2,5/ 9-STF
1910212 PHOENIX-1910212 Datasheet
80Kb / 5P
Printed-circuit board connector - FKCVW 2,5/ 3-STF
1910225 PHOENIX-1910225 Datasheet
80Kb / 5P
Printed-circuit board connector - FKCVW 2,5/ 4-STF
1910238 PHOENIX-1910238 Datasheet
80Kb / 5P
Printed-circuit board connector - FKCVW 2,5/ 5-STF
1910241 PHOENIX-1910241 Datasheet
79Kb / 5P
Printed-circuit board connector - FKCVW 2,5/ 6-STF
1950515 PHOENIX-1950515 Datasheet
62Kb / 4P
Printed-circuit board connector - FKCVW 2,5/ 5-STF-5,08 AU
1786925 PHOENIX-1786925 Datasheet
942Kb / 18P
MSTB 2,5/11-STF - PCB connector
1913154 PHOENIX-1913154 Datasheet
322Kb / 11P
MVSTBW 2,5 HC/11-STF-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com