Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2D0N60F Datasheet (PDF) - KEC(Korea Electronics)

2D0N60F Datasheet PDF - KEC(Korea Electronics)
Part # 2D0N60F
Download  2D0N60F Download
File Size   501.18 Kbytes
Page   7 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description N CHANNEL MOS FIELD EFFECT TRANSISTOR

2D0N60F Datasheet (PDF)

Go To PDF Page Download Datasheet
2D0N60F Datasheet PDF - KEC(Korea Electronics)

Part # 2D0N60F
Download  2D0N60F Click to download

File Size   501.18 Kbytes
Page   7 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description N CHANNEL MOS FIELD EFFECT TRANSISTOR

2D0N60F Datasheet (HTML) - KEC(Korea Electronics)


2D0N60F Product details

General Description

This planar stripe MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics. It is mainly suitable for switching mode power supplies.



FEATURES

VDSS= 600V, ID= 2.0A

Drain-Source ON Resistance :

RDS(ON)=5.0Ω@VGS= 10V

Qg(typ.) = 10.9nC




Similar Part No. - 2D0N60F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2D02S4F012JB3E ETC2-2D02S4F012JB3E Datasheet
141Kb / 3P
Thick Film Chip Resistors
2D02S4F012JB5E ETC2-2D02S4F012JB5E Datasheet
141Kb / 3P
Thick Film Chip Resistors
2D02S4F012JC3E ETC2-2D02S4F012JC3E Datasheet
141Kb / 3P
Thick Film Chip Resistors
2D02S4F012JC5E ETC2-2D02S4F012JC5E Datasheet
141Kb / 3P
Thick Film Chip Resistors
2D02S4F012JT3E ETC2-2D02S4F012JT3E Datasheet
141Kb / 3P
Thick Film Chip Resistors
More results


Similar Description - 2D0N60F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KHB7D0N65P1 KEC-KHB7D0N65P1 Datasheet
450Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB6D0N40P KEC-KHB6D0N40P Datasheet
449Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N65P KEC-KHB4D0N65P Datasheet
397Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N80P1 KEC-KHB4D0N80P1 Datasheet
504Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D5N60P KEC-KHB4D5N60P Datasheet
500Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D0N65P1 KEC-KHB7D0N65P1_07 Datasheet
501Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D5N60P1 KEC-KHB7D5N60P1_07 Datasheet
501Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF5N50DR KEC-KF5N50DR Datasheet
69Kb / 6P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF10N50P KEC-KF10N50P Datasheet
80Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF10N60P KEC-KF10N60P Datasheet
83Kb / 7P
N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com