Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP20056GJ Datasheet (PDF) - Monolithic Power Systems

MP20056GJ Datasheet PDF - Monolithic Power Systems
Part # MP20056GJ
Download  MP20056GJ Download
File Size   680.39 Kbytes
Page   16 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Low-Noise, High-PSRR, 250mA Linear Regulator

MP20056GJ Datasheet (PDF)

Go To PDF Page Download Datasheet
MP20056GJ Datasheet PDF - Monolithic Power Systems

Part # MP20056GJ
Download  MP20056GJ Click to download

File Size   680.39 Kbytes
Page   16 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Low-Noise, High-PSRR, 250mA Linear Regulator

MP20056GJ Datasheet (HTML) - Monolithic Power Systems


MP20056GJ Product details

DESCRIPTION
The MP20056 is a low-dropout linear regulator
that supplies up to 250mA current with a 100mV
dropout voltage and can operate from 2.5V to
5.5V input. The output voltage is preset at 1.8V,
2.5V or 3.3V for the two different packages. An
external resistor divider can adjust the output
voltage from 0.8V to 5V.
An internal PMOS pass element allows for a low
150μA ground current, making the MP20056
suitable for battery-powered devices. Other
features include low-power shutdown, shortcircuit protection, and thermal protection. The
MP20056 is available in a 2mm×2mm 8-pin QFN
and a 5-pin TSOT23-5 packages.

FEATURES
 Up to 250mA Output Current
 Low 100mV Dropout at 250mA
 Low 150μA Ground Current
 Low Noise: 13μVRMS typical (10Hz to 100kHz)
 63dB PSRR @1kHz
 Stable with Ceramic Capacitor
 Excellent Load/Line Transient Response
 Current Limiting and Thermal Protection
 Fixed output voltage 1.8V and 3.3V.
 Adjustable Output Voltage from 0.8V to 5V
Using an External Resistor Divider

APPLICATIONS
 Notebook Computers
 Cordless Phones
 Cellular Phones
 Wireless Communication Equipment
 Hand-Held Instruments




Similar Part No. - MP20056GJ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP20056GJ-25 MPS-MP20056GJ-25 Datasheet
853Kb / 15P
Low-Noise, High-PSRR, 250mA Linear Regulator
MP20056GJ-33 MPS-MP20056GJ-33 Datasheet
853Kb / 15P
Low-Noise, High-PSRR, 250mA Linear Regulator
More results


Similar Description - MP20056GJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS73401 TI1-TPS73401 Datasheet
739Kb / 20P
250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS73433-Q1 TI1-TPS73433-Q1 Datasheet
569Kb / 13P
250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI1-TPS734XX_14 Datasheet
1Mb / 21P
250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS73433-Q1 TI-TPS73433-Q1_15 Datasheet
575Kb / 15P
250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
logo
Monolithic Power System...
MP20056 MPS-MP20056 Datasheet
853Kb / 15P
Low-Noise, High-PSRR, 250mA Linear Regulator
MPQ20056 MPS-MPQ20056 Datasheet
1Mb / 16P
Low-Noise, High-PSRR, 250mA Linear Regulator AEC-Q100 Qualified
MPQ20056-AEC1 MPS-MPQ20056-AEC1 Datasheet
855Kb / 14P
Low-Noise, High-PSRR, 250mA Linear Regulator AEC-Q100 Qualified
logo
Texas Instruments
TPS734XX TI-TPS734XX_V01 Datasheet
1Mb / 23P
250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com