Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6543GL-P Datasheet (PDF) - Monolithic Power Systems

MP6543GL-P Datasheet PDF - Monolithic Power Systems
Part # MP6543GL-P
Download  MP6543GL-P Download
File Size   465.8 Kbytes
Page   16 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 12V, 2A, Three-Phase Power Stage

MP6543GL-P Datasheet (PDF)

Go To PDF Page Download Datasheet
MP6543GL-P Datasheet PDF - Monolithic Power Systems

Part # MP6543GL-P
Download  MP6543GL-P Click to download

File Size   465.8 Kbytes
Page   16 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 12V, 2A, Three-Phase Power Stage

MP6543GL-P Datasheet (HTML) - Monolithic Power Systems


MP6543GL-P Product details

DESCRIPTION
The MP6543 family of products are all threephase brushless DC motor drivers. They
integrate three half-bridges, consisting of six Nchannel power MOSFETs, along with predrivers, gate drive power supplies, and currentsense amplifiers.
The MP6543 has ENABLE and PWM inputs for
each ½-H-bridge. The MP6543A has separate
high-side and low-side inputs, while the
MP6543B has Hall-element inputs. Otherwise,
they are similar. References to the MP6543 in
this document apply to the other parts, unless
otherwise noted.
The MP6543 is able to deliver up 2A
continuously (depending on thermal and PCB
conditions), with the adjustable over-current
protection threshold. It uses an internal charge
pump to generate the gate drive supply voltage
for the high-side MOSFETs, and a tricklecharge circuit to maintain sufficient gate drive
voltage to operate at 100% duty cycle.
Internal safety features include thermal
shutdown, under-voltage lockout (UVLO), and
over-current protection (OCP).
The MP6543, MP6543A, and MP6543B are
available in a 24-pin, 3mmx4mm QFN package
with an exposed thermal pad.

FEATURES
 3V to 12V Operating Supply Voltage
 Three Integrated Half-Bridge Drivers
 2A Continuous Output Current
 MOSFET On Resistance: 110mΩ per FET
 MP6543: ENBL & PWM Inputs
MP6543A: LS & HS Inputs
MP6543B: Hall-Signal Inputs
 Built-In 3.3V, 100mA LDO Regulator
 Internal Charge Pump Supports 100% Duty
Cycle Operation
 Automatic Synchronous Rectification
 Under-Voltage Lockout (UVLO) and
Thermal Shutdown Protection
 Over-Current Protection (OCP) with
Adjustable Threshold
 Integrated Bidirectional Current-Sense
Amplifiers
 Available in a QFN-24 (3mmx4mm)
Package

APPLICATIONS
 Three-Phase BLDC Motor Drivers




Similar Part No. - MP6543GL-P

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6543GL MPS-MP6543GL Datasheet
465Kb / 16P
12V, 2A, Three-Phase Power Stage
Rev. 1.01
More results


Similar Description - MP6543GL-P

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
FVRB PREMO-FVRB Datasheet
244Kb / 3P
Three Phase One Stage Filter for Regenerative Converters
FVDT PREMO-FVDT Datasheet
314Kb / 3P
Three Phase Double Stage
FVDT-D PREMO-FVDT-D Datasheet
118Kb / 1P
Three Phase Double Stage
FVSB PREMO-FVSB Datasheet
249Kb / 2P
Three Phase One Stage
FVST PREMO-FVST Datasheet
179Kb / 1P
Three Phase Double Stage
FVTO-IV PREMO-FVTO-IV Datasheet
219Kb / 2P
Three Phase Neutral Filters, Double Stage
logo
Sames
SA9605A SAMES-SA9605A_17 Datasheet
462Kb / 11P
Three Phase Power
logo
SparkFun Electronics
TOL-11296 SPARKFUN-TOL-11296 Datasheet
102Kb / 1P
Power Supply - 12V/5V (2A)
12/1/2015
logo
Coolgear Inc.
12VDC2A-B COOLGEAR-12VDC2A-B Datasheet
185Kb / 2P
12v 2A Power supply for Coolgear hubs
logo
Monolithic Power System...
MP6545 MPS-MP6545 Datasheet
786Kb / 20P
45V, 2.5A, Simple Three-Phase Power Stage
Rev. 1.1 5/12/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com