Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6545AGF Datasheet (PDF) - Monolithic Power Systems

MP6545AGF Datasheet PDF - Monolithic Power Systems
Part # MP6545AGF
Download  MP6545AGF Download
File Size   788.63 Kbytes
Page   20 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 45V, 2.5A, Simple Three-Phase Power Stage with Current Measurement

MP6545AGF Datasheet (PDF)

Go To PDF Page Download Datasheet
MP6545AGF Datasheet PDF - Monolithic Power Systems

Part # MP6545AGF
Download  MP6545AGF Click to download

File Size   788.63 Kbytes
Page   20 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 45V, 2.5A, Simple Three-Phase Power Stage with Current Measurement

MP6545AGF Datasheet (HTML) - Monolithic Power Systems


MP6545AGF Product details

DESCRIPTION
The MP6545A is a three-phase power stage IC
designed to drive brushless DC (BLDC) motors
or other loads.
The MP6545A operates across a 4.5V to 45V
input voltage (VIN) range. It can deliver an
output current (IOUT) up to 2.5A per phase,
depending on the ambient temperature (TA) and
PCB layout.
The MP6545A has unique, independent GND
pins for each half-bridge. These GND pins
make it possible to provide current
measurement via an external shunt resistor for
different application requirements.
Internal safety and diagnostic features include
over-current protection (OCP), input overvoltage protection (OVP), input under-voltage
lockout (UVLO), and thermal shutdown.
The MP6545A has separate high-side (HS) and
low-side (LS) input pins for each output pin. The
MP6545A is available in QFN-28 (4mmx5mm)
and TSSOP-28EP packages.

FEATURES
• 4.5V to 45V Operating Input Voltage (VIN)
Range
• 2.5A Maximum Output Current (IOUT_MAX)
• Three-Channel Half-Bridge (HB) Driver
• Low 150mΩ On Resistance (RDS(ON)) per
MOSFET
• Protection Functions Include:
o Over-Current Protection (OCP)
o Over-Voltage Protection (OVP)
o Under-Voltage Lockout (UVLO)
o Over-Temperature (OT) Shutdown
o Fault Indication Output
• Available in QFN-28 (4mmx5mm) and
TSSOP-28EP Packages

APPLICATIONS
• Brushless DC (BLDC) Motors
• Laser Printers and Copiers
• Textile Machines




Similar Part No. - MP6545AGF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6545AGV MPS-MP6545AGV Datasheet
788Kb / 20P
45V, 2.5A, Simple Three-Phase Power Stage with Current Measurement
Rev. 1.1
More results


Similar Description - MP6545AGF

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
FVDT PREMO-FVDT Datasheet
314Kb / 3P
Three Phase Double Stage
FVDT-D PREMO-FVDT-D Datasheet
118Kb / 1P
Three Phase Double Stage
FVSB PREMO-FVSB Datasheet
249Kb / 2P
Three Phase One Stage
FVST PREMO-FVST Datasheet
179Kb / 1P
Three Phase Double Stage
FVTO-IV PREMO-FVTO-IV Datasheet
219Kb / 2P
Three Phase Neutral Filters, Double Stage
logo
Rohm
RSR025N05FRA ROHM-RSR025N05FRA Datasheet
2Mb / 15P
Nch 45V 2.5A Small Signal MOSFET
RTR025B05FRA ROHM-RTR025B05FRA Datasheet
2Mb / 14P
Nch 45V 2.5A Small Signal MOSFET
RSR025N05HZG ROHM-RSR025N05HZG Datasheet
2Mb / 15P
Nch 45V 2.5A Small Signal MOSFET
RTR025N05HZG ROHM-RTR025N05HZG Datasheet
2Mb / 15P
Nch 45V 2.5A Small Signal MOSFET
logo
Monolithic Power System...
MP6545 MPS-MP6545 Datasheet
786Kb / 20P
45V, 2.5A, Simple Three-Phase Power Stage
Rev. 1.1 5/12/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com