Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6570GR Datasheet (PDF) - Monolithic Power Systems

MP6570GR Datasheet PDF - Monolithic Power Systems
Part # MP6570GR
Download  MP6570GR Download
File Size   1570.46 Kbytes
Page   55 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 3-Phase BLDC Controller with a High-Accuracy Angular Sensor

MP6570GR Datasheet (PDF)

Go To PDF Page Download Datasheet
MP6570GR Datasheet PDF - Monolithic Power Systems

Part # MP6570GR
Download  MP6570GR Click to download

File Size   1570.46 Kbytes
Page   55 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 3-Phase BLDC Controller with a High-Accuracy Angular Sensor

MP6570GR Datasheet (HTML) - Monolithic Power Systems


MP6570GR Product details

DESCRIPTION
The MP6570 is a high-performance motor
controller that incorporates field-oriented control
(FOC) algorithms, SVPWM modulation
technology, and an accurate embedded angle
sensor. The MP6570 is used for applications
with three-phase PMSM and BLDC motors.
The operation of the MP6570 supports three
modes, including speed mode, position mode,
and torque mode. The reference command
comes from either the digital interface or the
pulse-width modulation (PWM)/clock input pin.
A 10-bit ADC is employed for accurate
sampling of each phase current. The threephase voltage of the motor is modulated
through an SVPWM module, which has up to
12-bit resolution at a 20kHz switching frequency.
A high-speed high-accuracy magnetic angular
sensor is embedded in the IC for rotor position
and speed feedback. The position sensor has a
data refresh rate up to 1MHz and up to 14-bit
position resolution, ideal for BLDC and PMSM
motor controls, especially in applications that
require high speed or position accuracy.
Non-volatile memory (NVM) is employed in the
MP6570 to store parameters programmed
through the selectable I
2C, SPI, or RS485
digital interface.
Application design is aided by the MPS
e.Motion Family Virtual Bench online developer
tool.
Full protection features include over-current
protection (OCP), rotor-lock protection, and
input bus over-voltage (OVP) and over-current
protection (OCP).
The MP6570 is available in a QFN-32
(4mmx4mm) package.

FEATURES
 3.3V Operating Supply Voltage
 Flexible Parameter Configuration with NonVolatile Memory and Selectable
SPI/I
2C/RS485 Interface
 Embedded Accurate Angular Sensor with
Up to 14-Bit Resolution
 Field-Oriented Control (FOC) Method
 Position/Speed/Torque Operation Modes
 PWM/Clock/Digital Interface Reference
Input
 Energy Regeneration Braking Mode
 10-Bit ADC with Programmble Gain
 Up to 80kHz Programmble Switching
Frequency
 A/B/Z Output with Internal Sensor Mode
 Up to 32 Progarmmble Slave Addresses
 Selectable Oscillator Source:
o Internal On-Chip Oscillator
o External Passive Crystal Input
 Input Bus Over-Current (OCP) and OverVoltage Protection (OVP)
 Low-Power Standby Mode
 Locked Rotor Detection and Restart
 Programmable Over-Current Limit (OCL)
Threshold
 Available in a QFN-32 (4mmx4mm)
Package

APPLICATIONS
 PMSM Motor, BLDC Motor




Similar Part No. - MP6570GR

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6570 MPS-MP6570 Datasheet
68Kb / 2P
PMSM FOC Controller With High Accuracy Angular Sensor
More results


Similar Description - MP6570GR

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3930 ALLEGRO-A3930 Datasheet
382Kb / 21P
Automotive 3-Phase BLDC Controller and MOSFET Driver
logo
Micronas
HAL3736DJ-A MICRONAS-HAL3736DJ-A Datasheet
141Kb / 2P
Second-Generation 3D HAL짰 Sensor Family with Superior Angular Accuracy
logo
Allegro MicroSystems
AMT49413 ALLEGRO-AMT49413 Datasheet
626Kb / 21P
3-Phase BLDC Controller and MOSFET Driver
logo
Monolithic Power System...
MP6570 MPS-MP6570 Datasheet
68Kb / 2P
PMSM FOC Controller With High Accuracy Angular Sensor
logo
Princeton Technology Co...
PT2432 PTC-PT2432 Datasheet
539Kb / 6P
3-Phase Sensor-less BLDC Motor Driver
PT2434 PTC-PT2434 Datasheet
412Kb / 5P
3-Phase Sensorless BLDC Motor Controller
PT2501 PTC-PT2501 Datasheet
247Kb / 4P
3-Phase Sinusoidal BLDC Motor Controller
PT2502 PTC-PT2502 Datasheet
1Mb / 24P
3-Phase Sensor-less BLDC Motor Controller
PT2505 PTC-PT2505 Datasheet
243Kb / 5P
3-Phase Sinusoidal BLDC Motor Controller
logo
Kinetic Technologies.
KTX9302 KINETIC-KTX9302 Datasheet
211Kb / 4P
3-phase BLDC Motor Controller for 3-wire
June 2022 - Revision 03a
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com