Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM3550E Datasheet (PDF) - Monolithic Power Systems

MPM3550E Datasheet PDF - Monolithic Power Systems
Part # MPM3550E
Download  MPM3550E Download
File Size   752.54 Kbytes
Page   22 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 36V, 5A, High-Efficiency, Fast Transient, Non-Isolated, DC/DC Power Module with Integrated Inductor

MPM3550E Datasheet (PDF)

Go To PDF Page Download Datasheet
MPM3550E Datasheet PDF - Monolithic Power Systems

Part # MPM3550E
Download  MPM3550E Click to download

File Size   752.54 Kbytes
Page   22 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 36V, 5A, High-Efficiency, Fast Transient, Non-Isolated, DC/DC Power Module with Integrated Inductor

MPM3550E Datasheet (HTML) - Monolithic Power Systems


MPM3550E Product details

DESCRIPTION
The MPM3550E is a high-density, non-isolated,
DC/DC power module for space-sensitive
applications. The module offers a very compact
solution that achieves 5A of continuous output
current with fast transient and good stability over
a wide input supply and load range. The
MPM3550E can provide an adjustable output
voltage from 1.0 - 12.0V via an external FB
resistor (default 3.3V output). Ultra-high
efficiency is achieved through the use of
synchronous rectification and control techniques.
The MPM3550E offers standard features,
including an internal fixed soft start, remote
enable control, and power good indicator. The
MPM3550E has fully integrated protection
features, including over-current protection
(OCP), short-circuit protection (SCP), output
under-voltage protection (UVP), input undervoltage lockout (UVLO), and thermal shutdown.
The MPM3550E integrates a switching controller,
power switches, inductors, a modest amount of
input and output capacitors, and all support
components in an advanced
12mmx12mmx3.82mm package. The
MPM3550E only requires a minimal number of
standard external components. This compact
solution helps system design and productivity
significantly by offering greatly simplified board
design, layout, and manufacturing requirements.

FEATURES
• Integrated Inductor, Switches, Controller
• High-Efficiency Synchronous Mode Control
• Low Component Count and Small Size
• Ease of Design and Fastest Time to Market
• Wide 4.5V to 36V Operating Input Range
• Output Adjustable from 1.0V to 12.0V
• Guaranteed 5A Continuous Output Current
• Ultra-Fast Transient Response
• Internal Fixed Soft-Start Time
• External Frequency Selection Pin
• Power Good (PGOOD) Indicator
• Non-Latch OCP, SCP, UVP, and UVLO
• Thermal Shutdown Protection
• Remote Enable Control (EN)
• Available in an LGA-18
(12mmx12mmx3.82mm) Package
• Weight: 1.4g
• Operating Temperature: -40°C to +125°C
• CISPR25 Class 5 Compliant

APPLICATIONS
• Automotive Systems
• Industrial Supplies
• Telecom and Networking Systems
• Distributed Power and POL Systems




Similar Part No. - MPM3550E

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPM3550EGLE MPS-MPM3550EGLE Datasheet
752Kb / 22P
36V, 5A, High-Efficiency, Fast Transient, Non-Isolated, DC/DC Power Module with Integrated Inductor
Rev. 1.1
More results


Similar Description - MPM3550E

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APC08 ASTEC-APC08_04 Datasheet
2Mb / 23P
Non-Isolated DC/DC Power Module
logo
Lineage Power Corporati...
APXW005A0X3-SRZ LINEAGEPOWER-APXW005A0X3-SRZ Datasheet
4Mb / 21P
9-36V ProLynxTM 5A: Non-Isolated DC-DC Power Modules
APXW005A0X LINEAGEPOWER-APXW005A0X_11 Datasheet
4Mb / 21P
9-36V ProLynxTM 5A: Non-Isolated DC-DC Power Modules
logo
Monolithic Power System...
MP4470 MPS-MP4470 Datasheet
930Kb / 18P
High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
logo
Bellnix Co.,Ltd.
BSU-1.8S1R0 BELLNIX-BSU-1.8S1R0 Datasheet
3Mb / 20P
High-Efficiency 關Module Non-Isolated POL DC-DC Converter
BSU-1.8S3R0 BELLNIX-BSU-1.8S3R0 Datasheet
1Mb / 20P
High-Efficiency 關Module Non-Isolated POL DC-DC Converter
BSU12-3.3S1R0 BELLNIX-BSU12-3.3S1R0 Datasheet
1Mb / 18P
High-Efficiency 關Module Non-Isolated POL DC-DC Converter
BSU12-3.3S3R0 BELLNIX-BSU12-3.3S3R0 Datasheet
1Mb / 18P
High-Efficiency 關Module Non-Isolated POL DC-DC Converter
logo
Maxim Integrated Produc...
MAXM17502 MAXIM-MAXM17502 Datasheet
564Kb / 15P
1A, 60V High-Efficiency, DC-DC Step-Down Power Module with Integrated Inductor
Rev 2; 5/19
MAXM17546 MAXIM-MAXM17546 Datasheet
914Kb / 23P
4.5V to 42V, 5A High-Efficiency, DC-DC Step-Down Power Module with Integrated Inductor
19-100146; Rev 0; 4/18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com