Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPM3632C Datasheet (PDF) - Monolithic Power Systems

MPM3632C Datasheet PDF - Monolithic Power Systems
Part # MPM3632C
Download  MPM3632C Download
File Size   1385.75 Kbytes
Page   23 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 18V Input, 3A Module, Synchronous, Forced CCM, Step-Down Converter with Integrated Inductor

MPM3632C Datasheet (PDF)

Go To PDF Page Download Datasheet
MPM3632C Datasheet PDF - Monolithic Power Systems

Part # MPM3632C
Download  MPM3632C Click to download

File Size   1385.75 Kbytes
Page   23 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 18V Input, 3A Module, Synchronous, Forced CCM, Step-Down Converter with Integrated Inductor

MPM3632C Datasheet (HTML) - Monolithic Power Systems


MPM3632C Product details

DESCRIPTION
The MPM3632C is a step-down, regulator
module integrated with a synchronous,
rectifying power MOSFET, inductor, and three
capacitors. The MPM3632C offers a very
compact solution that requires only input and
output capacitors to achieve 3A of continuous
output current with excellent load and line
regulation over a wide input range. The
MPM3632C operates at a fixed 3MHz switching
frequency and employs constant-on-time (COT)
control, which provides a fast load transient
response.
The MPM3632C eliminates design and
manufacturing risks while improving the time to
market dramatically.
Full protection features include output overvoltage protection (OVP), over-current
protection (OCP), and thermal shutdown.
The MPM3632C is available in a space-saving
QFN-20 (3mmx5mmx1.6mm) package.

FEATURES
 Complete Switch-Mode Power Supply
 3MHz Switching Frequency
 Wide 4V to 18V Operating Input Range
 Output Adjustable from 0.8V
 Internal Fixed Soft-Start Time
 3A Continuous Output Current
 Forced CCM for Low Output Ripple
 Power Good (PG) Indicator
 Hiccup Over-Current Protection (OCP)
 Output Over-Voltage Protection (OVP)
 Thermal Shutdown
 Fast Transient Response
 Available in a QFN-20 (3mmx5mmx1.6mm)
Package
 Total Solution Size: 7mmx7.9mm

APPLICATIONS
 Server Systems
 Medical and Imaging Equipment
 Distributed Power Systems
 Point-of-Load for FPGA, ASICs, DSPs
 Space-Constrained Applications




Similar Part No. - MPM3632C

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPM3632CGQV MPS-MPM3632CGQV Datasheet
1Mb / 23P
18V Input, 3A Module, Synchronous, Forced CCM, Step-Down Converter with Integrated Inductor
Rev. 1.03
More results


Similar Description - MPM3632C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7257A RICHTEK-RT7257A Datasheet
274Kb / 14P
3A, 18V, 340kHz Synchronous Step-Down Converter
RT7257B RICHTEK-RT7257B Datasheet
284Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7257C RICHTEK-RT7257C Datasheet
214Kb / 14P
3A, 18V, 340kHz Synchronous Step-Down Converter
RT7257D RICHTEK-RT7257D Datasheet
224Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
logo
Exar Corporation
XRP7665 EXAR-XRP7665 Datasheet
759Kb / 12P
3A 18V Synchronous Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL9313 BELLING-BL9313 Datasheet
524Kb / 11P
3A, 18V Synchronous Step-Down Converter
BL9371 BELLING-BL9371 Datasheet
561Kb / 11P
3A, 18V Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1601A MPS-MP1601A Datasheet
1Mb / 17P
1A Synchronous Step-down Converter with Forced CCM Mode
MPM3630 MPS-MPM3630 Datasheet
1Mb / 20P
18V/3A DC/DC Module Synchronous Step-Down Regulator with Integrated Inductor
MPM3830 MPS-MPM3830 Datasheet
1Mb / 17P
6V Input, 3A Module Synchronous Step-Down Converter with Integrated Inductor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com