Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ5872 Datasheet (PDF) - Monolithic Power Systems

MPQ5872 Datasheet PDF - Monolithic Power Systems
Part # MPQ5872
Download  MPQ5872 Download
File Size   1165.39 Kbytes
Page   29 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 42V Load Dump Test, 60mΩ Single-Channel, Smart High-Side Load Switch, AEC-Q100 Qualified

MPQ5872 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPQ5872 Datasheet PDF - Monolithic Power Systems

Part # MPQ5872
Download  MPQ5872 Click to download

File Size   1165.39 Kbytes
Page   29 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 42V Load Dump Test, 60mΩ Single-Channel, Smart High-Side Load Switch, AEC-Q100 Qualified

MPQ5872 Datasheet (HTML) - Monolithic Power Systems


MPQ5872 Product details

DESCRIPTION
The MPQ5872 is a smart high-side load switch
for nominal 2A loads. The device features an
input voltage (VIN) as low as 3.5V, and can
withstand load dumps up to 42V. With a small on
resistance (RDS(ON)) in a tiny QFN-8
(2mmx2.5mm) package, MPQ5872 provides a
highly efficient, compact solution.
The device supports both an internal and
configurable, high-accuracy external current
limits. This helps clamp the inrush current under
short-circuit conditions, which improves overall
system reliability. An adjustable start-up slew
rate also helps to reduce inrush current during
start-up.
The FT/CS pin provides high-accuracy current
sensing, which achieves accurate real-time
diagnostics without further calibration. The
voltage on the FT/CS pin represents 1 / KCS of
the load current, where KCS is a constant value
across the temperature and supply voltage. In
addition, the FT/CS pin can report a fault by
pulling up its voltage.
The MPQ5872 features full diagnostics during
both on and off states. By pulling the DIAG_EN
pin up or down, off-state open-load and short-tobattery detection can be enabled or disabled,
respectively. If off-state diagnostics are not
required in the system, the function can be
disabled to reduce the standby current by
connecting DIAG_EN to the GND pin.
The MPQ5872 is available in a QFN-8
(2mmx2.5mm) package with wettable flanks,
and is available in AEC-Q100 Grade 1 or AECQ100-012 Test Grade A.

FEATURES
• Built to Handle Tough Automotive
Transients
o Load Dump Up to 42V
o Cold Crank Down to 3.5V
• Cooler Thermals
o Integrated 60mΩ MOSFET
• Extends Vehicle Battery Life
o Extreme Low Standby Current: 0.5µA
• Reduces Board Size
o Available in a QFN-8 (2mmx2.5mm)
Package
• Vast Flexibility
o Configurable External Current Limit
o Adjustable Start-Up Slew Rate
o 3.3V and 5V Logic Compatible
• Full Diagnostic and Protection Features
o Supports Functional Safety Applications
o High-Accuracy Current Sense: ±4% at
1A and ±6% at 300mA
o On- and Off-State Open-Load and
Short-to-Battery Detection
o Thermal Shutdown Protection
o Available in AEC-Q100 Grade 1
o Available in AEC-Q100-012 Test Grade
A
o Available in a Wettable Flank Package

APPLICATIONS
• Smart Switches for Automotive Infotainment
Systems
• Power Switches for Advanced DriverAssistance Systems (ADAS)
• High-Side Power Switches for Sub-Modules
• General Resistive, Inductive, and Capacitive
Loads




Similar Part No. - MPQ5872

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ5872GRPE-AEC1 MPS-MPQ5872GRPE-AEC1 Datasheet
1Mb / 29P
42V Load Dump Test, 60mΩ Single-Channel, Smart High-Side Load Switch, AEC-Q100 Qualified
Rev. 1.0
More results


Similar Description - MPQ5872

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DML1005LDS DIODES-DML1005LDS Datasheet
1Mb / 10P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 2
DML1007LDS DIODES-DML1007LDS Datasheet
872Kb / 10P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 2
DML1008LDS DIODES-DML1008LDS Datasheet
1Mb / 11P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 1
DML10M8LDS DIODES-DML10M8LDS Datasheet
667Kb / 12P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 1
DML1006LDS DIODES-DML1006LDS_17 Datasheet
669Kb / 11P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 1
logo
Alpha & Omega Semicondu...
AOZ1336DI AOSMD-AOZ1336DI Datasheet
1Mb / 14P
Single Channel Smart Load Switch
Rev. 1.0 January 2014
logo
Diodes Incorporated
DLS3035FGBQ DIODES-DLS3035FGBQ Datasheet
1Mb / 8P
SINGLE CHANNEL SMART LOAD SWITCH
August 2022 Rev. 2 - 2
DML3010LFDS DIODES-DML3010LFDS Datasheet
1Mb / 12P
SINGLE CHANNEL SMART LOAD SWITCH
July 2022 Rev. 4 - 2
DML3011LFDS DIODES-DML3011LFDS Datasheet
1Mb / 12P
SINGLE CHANNEL SMART LOAD SWITCH
July 2022 Rev. 5 - 2
DML3012LDC DIODES-DML3012LDC Datasheet
1Mb / 13P
SINGLE CHANNEL SMART LOAD SWITCH
December 2022 Rev. 7 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com