Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ6541-AEC1 Datasheet (PDF) - Monolithic Power Systems

MPQ6541-AEC1 Datasheet PDF - Monolithic Power Systems
Part # MPQ6541-AEC1
Download  MPQ6541-AEC1 Download
File Size   639.04 Kbytes
Page   20 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 40V, 8A, Three-Phase Power Stage, AEC-Q100 Qualified

MPQ6541-AEC1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPQ6541-AEC1 Datasheet PDF - Monolithic Power Systems

Part # MPQ6541-AEC1
Download  MPQ6541-AEC1 Click to download

File Size   639.04 Kbytes
Page   20 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 40V, 8A, Three-Phase Power Stage, AEC-Q100 Qualified

MPQ6541-AEC1 Datasheet (HTML) - Monolithic Power Systems


MPQ6541-AEC1 Product details

DESCRIPTION
The MPQ6541-AEC1 and MPQ6541A-AEC1
are three-phase brushless DC (BLDC) motor
drivers with three integrated half-bridges. The
three half-bridges consist of six N-channel
power MOSFETs. The MPQ6541-AEC1 and
MPQ6541A-AEC1 also integrate six pre-drivers,
two gate driver power supplies, and three
current-sense amplifiers.
The MPQ6541-AEC1 has ENBL and PWM
inputs for each half-bridge; the MPQ6541AAEC1 has separate high-side (HS) and low-side
(LS) inputs. Otherwise, these parts are identical.
References to the MPQ6541-AEC1 also apply
to the MPQ6541A-AEC1, unless otherwise
noted.
The MPQ6541-AEC1 can deliver up to 12A of
peak current for 1 second, or 8A of continuous
current, depending on thermal and PCB
conditions. The device uses an internal charge
pump to generate the gate driver supply voltage
for the high-side MOSFETs (HS-FETs), and a
trickle charge circuit that maintains sufficient
gate driver voltage to operate at 100% duty
cycle.
Internal safety features include thermal
shutdown, under-voltage lockout (UVLO), and
over-current protection (OCP).
The MPQ6541-AEC1 is available in a TQFN-26
(6mmx6mm) package.

FEATURES
• 4.75V to 40V Operating Supply Voltage
• Three Integrated Half-Bridge Drivers
• 8A of Continuous Output Current
• MOSFET On Resistance: 15mΩ per FET
• MPQ6541-AEC1: PWM and ENBL Inputs
MPQ6541A-AEC1: HS and LS Inputs
• Internal Charge Pump Supports 100% Duty
Cycle Operation
• Automatic Synchronous Rectification
• Under-Voltage Lockout (UVLO) and OverVoltage Protection (OVP)
• Thermal Shutdown Protection
• Over-Current Protection (OCP)
• Integrated, Bidirectional Current-Sense
Amplifiers
• Available in a TQFN-26 (6mmx6mm)
Package with Wettable Flank
• Available in AEC-Q100 Grade 1

APPLICATIONS
• Brushless DC (BLDC) Motor Drivers
• Permanent Magnet Synchronous Motor
(PMSM) Drivers




Similar Part No. - MPQ6541-AEC1

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ6541A-AEC1 MPS-MPQ6541A-AEC1 Datasheet
639Kb / 20P
40V, 8A, Three-Phase Power Stage, AEC-Q100 Qualified
Rev. 1.11
MPQ6541AGQKTE-AEC1 MPS-MPQ6541AGQKTE-AEC1 Datasheet
639Kb / 20P
40V, 8A, Three-Phase Power Stage, AEC-Q100 Qualified
Rev. 1.11
MPQ6541GQKTE-AEC1 MPS-MPQ6541GQKTE-AEC1 Datasheet
639Kb / 20P
40V, 8A, Three-Phase Power Stage, AEC-Q100 Qualified
Rev. 1.11
More results


Similar Description - MPQ6541-AEC1

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
AEC-Q100 Qualified
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
AEC-Q100 Qualified
logo
IXYS Corporation
IXD_609SI IXYS-IXD_609SI Datasheet
255Kb / 11P
AEC Q100 Qualified
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com