Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT-2FDF-UB Datasheet (PDF) - Eravant

SCT-2FDF-UB Datasheet PDF - Eravant
Part # SCT-2FDF-UB
Download  SCT-2FDF-UB Download
File Size   234.83 Kbytes
Page   2 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description 2.4 mm (F) to SMPM (F) Coaxial Adapter

SCT-2FDF-UB Datasheet (PDF)

Go To PDF Page Download Datasheet
SCT-2FDF-UB Datasheet PDF - Eravant

Part # SCT-2FDF-UB
Download  SCT-2FDF-UB Click to download

File Size   234.83 Kbytes
Page   2 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description 2.4 mm (F) to SMPM (F) Coaxial Adapter

SCT-2FDF-UB Datasheet (HTML) - Eravant


SCT-2FDF-UB Product details

Description:
Model SCT-2FDF-UB is a 2.4 mm female to SMPM
(GPPO) female coaxial adapter that covers the
frequency range of DC to 50 GHz. This coaxial adapter
offers efficient transitioning between the coaxial
connectors with a high return loss and typical insertion
loss of 0.6 dB. The impedance of the adapter is 50
Ohms. Other configurations are available under different model numbers.
Features:
• Instrumentation Grade
• High Return Loss
• Low Insertion Loss
Applications:
• Test Lab
• Sub-assemblies




Similar Part No. - SCT-2FDF-UB

ManufacturerPart #DatasheetDescription
logo
Eravant
SCT-2FDM-UB ERAVANT-SCT-2FDM-UB Datasheet
241Kb / 2P
2.4 mm (F) to SMPM (M) Coaxial Adapter
Rev. 1.1
More results


Similar Description - SCT-2FDF-UB

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SF-SF50+ MINI-SF-SF50+ Datasheet
132Kb / 1P
Coaxial Adapter, SMA-F to SMA-F
logo
Winchester Electronics ...
TRU-11222 WINCHESTER-TRU-11222 Datasheet
70Kb / 1P
CONNECTOR,COAXIAL 2.92MM(F) TO 2.92MM(F) ADAPTER
TRU-11224 WINCHESTER-TRU-11224 Datasheet
32Kb / 1P
CONNECTOR, COAXIAL 2.92mm(f) to 2.4mm(f) ADAPTER
TRU-11244 WINCHESTER-TRU-11244 Datasheet
71Kb / 1P
CONNECTOR,COAXIAL 2.4MM(F) TO 2.4MM(F) ADAPTER
TRU-13017 WINCHESTER-TRU-13017 Datasheet
80Kb / 1P
CONNECTOR, COAXIAL 2.92mm(f) to N(f) ADAPTER
logo
Mini-Circuits
185F-24F MINI-185F-24F Datasheet
218Kb / 2P
Adapter 1.85 mm-F to 2.4 mm-F
185F-24M MINI-185F-24M Datasheet
178Kb / 2P
Adapter 1.85 mm-F to 2.4 mm-M
185M-24F MINI-185M-24F Datasheet
204Kb / 2P
Adapter 1.85 mm-M to 2.4 mm-F
logo
Amphenol SV Microwave
1132-4139 SVMICROWAVE-1132-4139 Datasheet
92Kb / 1P
SMPM F TO SMPM F STR. NON MAGNETIC ADAPTER
10/22
1132-6108 SVMICROWAVE-1132-6108 Datasheet
106Kb / 1P
THREADED SMPM F TO 2.9MM F STR. ADAPTER
07/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com