Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD52010 Datasheet (PDF) - Elite Semiconductor Memory Technology Inc.

AD52010 Datasheet PDF - Elite Semiconductor Memory Technology Inc.
Part # AD52010
Download  AD52010 Download
File Size   647.23 Kbytes
Page   15 Pages
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.
Description 3W Stereo Filter-less Class-D Audio Amplifier

AD52010 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD52010 Datasheet PDF - Elite Semiconductor Memory Technology Inc.

Part # AD52010
Download  AD52010 Click to download

File Size   647.23 Kbytes
Page   15 Pages
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.
Description 3W Stereo Filter-less Class-D Audio Amplifier

AD52010 Datasheet (HTML) - Elite Semiconductor Memory Technology Inc.


AD52010 Product details

Features
 Supply voltage range: 2.5 V to 5.5 V
 Support single-ended or differential analog
input
 Low Quiescent Current
 Low Output Noise
 Low shut-down current
 Short power-on transient time
 Internal pull-low resistor on shut-down pins
 Short-circuit protection
 Over-temperature protection
 Loudspeaker power within 10% THD+N
 1.78W/ch into 8 loudspeaker
 >3W/ch into 4 loudspeaker
 Loudspeaker efficiency
 93% @ 8, THD+N=10%
 85% @ 4, THD+N=10%
 E-TSSOP-14L package
 Integrated Feedback Resistor of 300k

Applications
 Monitor audio
 PDA
 Portable multimedia devices
 Notebook computer
 Mobile phone

Description
The AD52010 is a 3.0W stereo, filter-less
class-D audio amplifier. Operating with 5.0V
loudspeaker driver supply, it can deliver 3.0W
output power into 4  loudspeaker within 10%
THD+N or 2.4W at 1% THD+N.
The AD52010 is a stereo audio amplifier with
high efficiency and suitable for the notebook
computer, and portable multimedia device.




Similar Part No. - AD52010

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5201 AD-AD5201 Datasheet
664Kb / 16P
2-Channel, 256-Position Digital Potentiometer
REV.0
AD5201 AD-AD5201 Datasheet
268Kb / 20P
8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV.0
AD5201 AD-AD5201 Datasheet
749Kb / 16P
256-Position and 33-Position Digital Potentiometers
02/01-Data Sheet changed from REV. O to REV. A.
AD5201 AD-AD5201 Datasheet
476Kb / 9P
Devices Connected
Rev. C
AD5201BRM10-REEL7 AD-AD5201BRM10-REEL7 Datasheet
749Kb / 16P
256-Position and 33-Position Digital Potentiometers
02/01-Data Sheet changed from REV. O to REV. A.
More results


Similar Description - AD52010

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2006 ISSI-IS31AP2006 Datasheet
332Kb / 14P
3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2010B ISSI-IS31AP2010B Datasheet
390Kb / 12P
3W@5.0V MONO FILTER-LESS, CLASS-D AUDIO POWER AMPLIFIER
logo
Power Analog Micoelectr...
PAM8004 PAM-PAM8004 Datasheet
195Kb / 11P
Filterless 3W Class-D Stereo Audio Amplifier
logo
Unisonic Technologies
UPA2008 UTC-UPA2008 Datasheet
301Kb / 8P
3W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Integrated Silicon Solu...
IS31AP2006-DLS2-TR ISSI-IS31AP2006-DLS2-TR Datasheet
349Kb / 17P
3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2010B-UTLS2-TR ISSI-IS31AP2010B-UTLS2-TR Datasheet
366Kb / 13P
3W@5.0V MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
logo
Holtek Semiconductor In...
HT82V7534 HOLTEK-HT82V7534 Datasheet
3Mb / 16P
3W Stereo Filter-free Class-D Audio Power Amplifier
January 01, 2016
logo
Diodes Incorporated
PAM8603M DIODES-PAM8603M Datasheet
343Kb / 14P
3W FILTERLESS STEREO CLASS-D AUDIO AMPLIFIER
Rev 1
PAM8403 DIODES-PAM8403 Datasheet
380Kb / 11P
FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
Rev 1
logo
SHENZHEN FUMAN ELECTRON...
TC8403B FUMAN-TC8403B Datasheet
364Kb / 9P
3W Filterless Class D Stereo Audio Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com