Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD52070 Datasheet (PDF) - Elite Semiconductor Memory Technology Inc.

AD52070 Datasheet PDF - Elite Semiconductor Memory Technology Inc.
Part # AD52070
Download  AD52070 Download
File Size   1340.27 Kbytes
Page   33 Pages
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.
Description 2x30W Stereo / 1x60W Mono Class-D Audio Amplifier With Low Idle Current and AGC

AD52070 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD52070 Datasheet PDF - Elite Semiconductor Memory Technology Inc.

Part # AD52070
Download  AD52070 Click to download

File Size   1340.27 Kbytes
Page   33 Pages
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.
Description 2x30W Stereo / 1x60W Mono Class-D Audio Amplifier With Low Idle Current and AGC

AD52070 Datasheet (HTML) - Elite Semiconductor Memory Technology Inc.


AD52070 Product details

Features
 Single supply voltage
4.5V ~ 26V for loudspeaker driver
Built-in LDO output 5V for others
 Supports Multiple Output Configurations
BTL Mode: 30W/CH into 8 at 24 V
BTL Mode: 30W/CH into 4at 18 V
PBTL Mode: 60W/CH into 4at 24 V
PBTL Mode: 45W/CH into 4at 18 V
PBTL Mode: 60W/CH into 2at 18 V
 Loudspeaker performance
BTL Mode: 30W/CH into 8 <1% THD+N@24V
BTL Mode: 30W/CH into 4 <1% THD+N@18V
 >90% efficient Class-D operation eliminates
need for heat sink
 Energy Saving Class-D Operation
Low Idle Current <23mA
 Multiple Switching Frequencies
AM Avoidance
Master/Slave Synchronization
300KHz to 1.2MHz Switching Frequency
 Differential inputs
 Four selectable, fixed gain settings
 Internal oscillator
 Short-Circuit protection with auto recovery
 Under-Voltage detection
 Over-Voltage protection
 Pop noise and click noise reduction
 Adjustable Automatic Gain Control or adjustable
power limit function for speaker protection
 Output DC detection for speaker protection
 Thermal fold-back control
 Over temperature protection with auto recovery

Applications
 TV audio
 Boom-Box
 Powered speaker
 Monitors
 Consumer Audio Equipment

Description
The AD52070 is a high efficiency stereo class-D
audio amplifier with adjustable power limit function.
It can deliver 30W/CH output power into 4 or
8loudspeaker within 1% THD+N at 24V supply
voltage. AD52070 also provides parallel BTL (Mono)
application, and it can deliver 60W into 4
loudspeaker at 24V supply voltage.
The AD52070 has low idle current mode for
battery-powered audio system and helps to extend
the battery life. The advanced oscillator/PLL circuit
employs a multiple switching frequency option to
avoid AM interferences. In order to achieve
multi-channels application, which the clock slave
mode design with, making it possible to synchronize
multiple devices.
The Automatic Gain Control (AGC) is enabled to
prevent output signal from distortion when the input
signal exceeds a threshold level. The AGC allows
adjustment of maximum output voltage without
signal clipping for enhanced speaker protection and
audio quality. The power-limit control can provide
further limit output power level of amplifier. The
adjustable power limit function allows user to set a
voltage to limit the amount of current through the
speaker. All these functions are performed
automatically.
Output DC detection prevents speaker damage
from long-time current stress. AD52070 output short
circuit and over temperature protection include
auto-recovery feature.




Similar Part No. - AD52070

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5207 AD-AD5207 Datasheet
664Kb / 16P
2-Channel, 256-Position Digital Potentiometer
REV.0
AD5207 AD-AD5207 Datasheet
268Kb / 20P
8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV.0
AD5207 AD-AD5207 Datasheet
703Kb / 16P
2-Channel, 256-Position Digital Potentiometer
REV. 0
AD5207BRU10-REEL7 AD-AD5207BRU10-REEL7 Datasheet
664Kb / 16P
2-Channel, 256-Position Digital Potentiometer
REV.0
AD5207BRU10-REEL7 AD-AD5207BRU10-REEL7 Datasheet
631Kb / 16P
2-Channel, 256-Position Digital Potentiometer
REV. 0
More results


Similar Description - AD52070

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3007 TI-TLV320AIC3007 Datasheet
1Mb / 98P
LOW-POWER STEREO AUDIO CODEC WITH INTEGRATED MONO CLASS-D AMPLIFIER
logo
Cirrus Logic
CS35L00 CIRRUS-CS35L00 Datasheet
509Kb / 34P
2.7 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L01 CIRRUS-CS35L01 Datasheet
538Kb / 34P
2.9 W Mono Class-D Audio Amplifier with Low Idle Current
logo
Eutech Microelectronics...
EUA6230 EUTECH-EUA6230 Datasheet
130Kb / 1P
2.4W, Mono Class G Audio Power Amplifier with AGC
logo
Texas Instruments
TLV320DAC3100 TI1-TLV320DAC3100 Datasheet
1Mb / 98P
Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
logo
Anpec Electronics Corop...
APA2011 ANPEC-APA2011 Datasheet
684Kb / 27P
2.8W Mono Class D Audio Power Amplifier with AGC
logo
Texas Instruments
TLV320DAC3100 TI1-TLV320DAC3100_14 Datasheet
1Mb / 99P
Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100-Q1 TI-TLV320DAC3100-Q1_15 Datasheet
1Mb / 101P
Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
logo
Cirrus Logic
CS35L00 CIRRUS-CS35L00_11 Datasheet
761Kb / 34P
2.8 W Mono Class-D Audio Amplifier with Low Idle Current
logo
Texas Instruments
TPA3126D2 TI1-TPA3126D2 Datasheet
2Mb / 38P
50-W Stereo, Analog-Input, Class-D Audio Amplifier with Low, 15-mA Idle Current and AM Avoidance
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com