Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5364 Datasheet (PDF) - Cirrus Logic

CDB5364 Datasheet PDF - Cirrus Logic
Part # CDB5364
Download  CDB5364 Download
File Size   708.94 Kbytes
Page   41 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 114 dB, 192 kHz, 4-Channel A/D Converter

CDB5364 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDB5364 Datasheet PDF - Cirrus Logic

Part # CDB5364
Download  CDB5364 Click to download

File Size   708.94 Kbytes
Page   41 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 114 dB, 192 kHz, 4-Channel A/D Converter

CDB5364 Datasheet (HTML) - Cirrus Logic


CDB5364 Product details

Description
The CS5364 is a complete 4-channel analog-to-digital converter for digital audio systems. It performs sampling, analog-to-digital conversion, and anti-alias filtering, generating 24-bit values for all 4-channel inputs in serial form at sample rates up to 216 kHz per channel.

Features
♦ Advanced Multi-bit Delta-Sigma Architecture
♦ 24-Bit Conversion
♦ 114 dB Dynamic Range
♦ -105 dB THD+N
♦ Supports Audio Sample Rates up to 216 kHz
♦ Selectable Audio Interface Formats
    – Left-Justified, I²S, TDM
    – 4-Channel TDM Interface Formats
♦ Low Latency Digital Filter
♦ Less than 365 mW Power Consumption
♦ On-Chip Oscillator Driver
♦ Operation as System Clock Master or Slave
♦ Auto-Detect Speed in Slave Mode
♦ Differential Analog Architecture
♦ Separate 1.8 V to 5 V Logic Supplies for Control and Serial Ports
♦ High-Pass Filter for DC Offset Calibration
♦ Overflow Detection
♦ Footprint Compatible with the 8-Channel CS5368

Additional Control Port Features
♦ Supports Standard I²C™ or SPI™ Control Interface
♦ Individual Channel HPF Disable
♦ Overflow Detection for Individual Channels
♦ Mute Control for Individual Channels
♦ Independent Power-Down Control per Channel Pair




Similar Part No. - CDB5364

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
Evaluation Board for CS5364
CDB5364 CIRRUS-CDB5364 Datasheet
592Kb / 41P
114 dB, 192 kHz, 4-Channel A/D Converter
CDB5364 CIRRUS-CDB5364 Datasheet
380Kb / 42P
114 dB, 192 kHz, 4-Channel A/D Converter
More results


Similar Description - CDB5364

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4383 CIRRUS-CS4383 Datasheet
952Kb / 40P
114 dB, 192 kHz 8-Channel D/A Converter?
CS4382A CIRRUS-CS4382A_05 Datasheet
938Kb / 47P
114 dB, 192 kHz 8-Channel D/A Converter
CS5366 CIRRUS-CS5366 Datasheet
713Kb / 41P
114 dB, 192 kHz, 6-Channel A/D Converter
CS4362A CIRRUS-CS4362A_08 Datasheet
1,000Kb / 50P
114 dB, 192 kHz 6-Channel D/A Converter
CS4382 CIRRUS-CS4382_08 Datasheet
844Kb / 42P
114 dB, 192 kHz 8-Channel D/A Converter
CS5364 CIRRUS-CS5364_08 Datasheet
592Kb / 41P
114 dB, 192 kHz, 4-Channel A/D Converter
CS5366 CIRRUS-CS5366_08 Datasheet
645Kb / 41P
114 dB, 192 kHz, 6-Channel A/D Converter
CS4362A CIRRUS-CS4362A_09 Datasheet
1,011Kb / 50P
114 dB, 192 kHz 6-Channel D/A Converter
CS5364 CIRRUS-CS5364_09 Datasheet
380Kb / 42P
114 dB, 192 kHz, 4-Channel A/D Converter
CS4385A CIRRUS-CS4385A Datasheet
1Mb / 55P
114-dB, 192-kHz 8-Channel D/A Converter
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com