Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-5231 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-5231 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-5231
Download  HCPL-5231 Download
File Size   367.09 Kbytes
Page   14 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers

HCPL-5231 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-5231 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-5231
Download  HCPL-5231 Click to download

File Size   367.09 Kbytes
Page   14 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers

HCPL-5231 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-5231 Product details

Description
These units are single, dual and quad channel, hermetically sealed optocouplers. The products are capable of operation and storage over the full military temperature range and can be purchased as either commercial product or with full MIL-PRF-38534 Class Level H or K testing or from the appropriate DLA Standard Microcircuit Drawing (SMD). All devices are manufactured and tested on a MIL-PRF-38534 certified line, and Class H and K devices are included in the DLA Qualified Manufacturers List QML-38534 for Hybrid Microcircuits.

Features
• Dual Marked with Device Part Number and DSCC Standard Microcircuit Drawing
• Manufactured and Tested on a MIL-PRF-38534 Certified Line
• QML-38534, Class H and K
• Four Hermetically Sealed Package Configurations
• Performance Guaranteed over -55°C to +125°C
• Wide VCC Range (4.5 to 20 V)
• 350 ns Maximum Propagation Delay
• CMR: > 10,000 V/µs Typical
• 1500 Vdc Withstand Test Voltage
• Three State Output Available
• High Radiation Immunity
• HCPL-2200/31 Function Compatibility
• Reliability Data Available
• Compatible with LSTTL, TTL, and CMOS Logic

Applications
• Military and Space
• High Reliability Systems
• Transportation and Life Critical Systems
• High Speed Line Receiver
• Isolated Bus Driver (Single Channel)
• Pulse Transformer Replacement
• Ground Loop Elimination
• Harsh Industrial Environments
• Computer-Peripheral Interfaces




Similar Part No. - HCPL-5231

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-5231 HP-HCPL-5231 Datasheet
294Kb / 12P
Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
HCPL-5231-100 HP-HCPL-5231-100 Datasheet
294Kb / 12P
Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
HCPL-5231-200 HP-HCPL-5231-200 Datasheet
294Kb / 12P
Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
HCPL-5231-300 HP-HCPL-5231-300 Datasheet
294Kb / 12P
Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
More results


Similar Description - HCPL-5231

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
HCPL-675X HP-HCPL-675X Datasheet
320Kb / 12P
Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A AVAGO-6N140A Datasheet
206Kb / 12P
Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-5731 AVAGO-HCPL-5731 Datasheet
206Kb / 12P
Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
6N140A-883B AVAGO-6N140A-883B Datasheet
206Kb / 12P
Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
ACPL-5730L AVAGO-ACPL-5730L Datasheet
169Kb / 11P
Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
6N140A BOARDCOM-6N140A Datasheet
1Mb / 14P
Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
ACPL-570XL BOARDCOM-ACPL-570XL Datasheet
956Kb / 13P
Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com