Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD1602 Datasheet (PDF) - TECHCODE SEMICONDUCTOR, INC.

TD1602 Datasheet PDF - TECHCODE SEMICONDUCTOR, INC.
Part # TD1602
Download  TD1602 Download
File Size   326.46 Kbytes
Page   10 Pages
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.
Description 3A, 52KHz PWM Buck DC/DC Converter

TD1602 Datasheet (PDF)

Go To PDF Page Download Datasheet
TD1602 Datasheet PDF - TECHCODE SEMICONDUCTOR, INC.

Part # TD1602
Download  TD1602 Click to download

File Size   326.46 Kbytes
Page   10 Pages
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.
Description 3A, 52KHz PWM Buck DC/DC Converter

TD1602 Datasheet (HTML) - TECHCODE SEMICONDUCTOR, INC.


TD1602 Product details

General Description
The TD1602 is a series of easy to use fixed and adjustable
step-down(buck) switch-mode voltage regulators. These
devices are available in fixed output voltage of 5V, and an
adjustable output version. Both versions are capable of driving a
3A load with excellent line and load regulation.
Requiring a minimum number of external components, these
regulators are simple to use and include internal frequency
compensation, and a fixed-frequency oscillator.
The output voltage is guaranteed to ±3% tolerance under
specified input voltage and output load conditions. The
oscillator frequency is guaranteed to ±15%. External shutdown
is included, featuring typically 80 µA standby current. Self
protection features include a two stage frequency reducing
current limit for the output switch and an over temperature
shutdown for complete protection under fault conditions.
The TD1602 is available in TO-263-5L packages.

Features
 5V and adjustable output versions
 Output adjustable from 1.23v to 57V
 Fixed 52KHz frequency internal oscillator
 Guaranteed 3A output load current
 Input voltage range up to 60V
 TTL shutdown capability
 Excellent line and load regulation
 High efficiency
 Thermal shutdown and current limit protection
 Available in TO-263 packages

Applications
 Simple High-efficiency step-down regulator
 On-card switching regulators
 Positive to negative converter
 LCD monitor and LCD TV
 DVD recorder and PDP TV
 Battery charger
 Step-down to 3.3V for microprocessors




Similar Part No. - TD1602

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TD1600ALF-4 NXP-TD1600ALF-4 Datasheet
490Kb / 27P
Tuner module for digital terrestrial (OFDM) applications
Rev.c-23-04-2007
logo
TECHCODE SEMICONDUCTOR,...
TD1609 TECHCODE-TD1609 Datasheet
486Kb / 11P
1.6A 150KHz PWM Buck DC/DC Converter
More results


Similar Description - TD1602

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
logo
List of Unclassifed Man...
XL2576 ETC2-XL2576 Datasheet
381Kb / 14P
3A 52KHz 40V Buck DC to DC Converter
logo
Diodes Incorporated
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
3A PWM BUCK DC/DC CONVERTER
Rev 8
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
3A PWM BUCK DC/DC CONVERTER
Rev 4
logo
TECHCODE SEMICONDUCTOR,...
TD2576 TECHCODE-TD2576 Datasheet
1Mb / 18P
3A 52KHz PWM Buck DC/DC Converter
TD2676 TECHCODE-TD2676 Datasheet
589Kb / 15P
2.5A 52KHz 32V PWM Buck DC/DC Converter
TD3111 TECHCODE-TD3111 Datasheet
363Kb / 13P
2.2A 52KHZ 32V PWM Buck DC/DC Converter
logo
XLSEMI
XL2576 XLSEMI-XL2576 Datasheet
381Kb / 14P
3A 52KHz 40V Buck DC to DC Converter
logo
Bookly Micro electronic
BM1507 BOOKLY-BM1507 Datasheet
652Kb / 12P
3A PWM BUCK DC/DC CONVERTER
logo
First Silicon Co., Ltd
FAC2576 FS-FAC2576 Datasheet
584Kb / 16P
3A 52KHZ PWM Buck DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com