Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0044BA01930S Datasheet (PDF) - Integrated Circuit Systems

SF0044BA01930S Datasheet PDF - Integrated Circuit Systems
Part # SF0044BA01930S
Download  SF0044BA01930S Download
File Size   195.43 Kbytes
Page   2 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 44.0 MHz Filter for Broadband Access Applications

SF0044BA01930S Datasheet (PDF)

Go To PDF Page Download Datasheet
SF0044BA01930S Datasheet PDF - Integrated Circuit Systems

Part # SF0044BA01930S
Download  SF0044BA01930S Click to download

File Size   195.43 Kbytes
Page   2 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 44.0 MHz Filter for Broadband Access Applications

SF0044BA01930S Datasheet (HTML) - Integrated Circuit Systems




Similar Part No. - SF0044BA01930S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0044BA01930S APITECH-SF0044BA01930S Datasheet
152Kb / 3P
44 MHz SAW Filter 6 MHz Bandwidth
More results


Similar Description - SF0044BA01930S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0036BA11932S ICST-SF0036BA11932S Datasheet
214Kb / 2P
36.15 MHz Filter for Broadband Access Applications
SF0044BA01800T ICST-SF0044BA01800T Datasheet
269Kb / 2P
44.0 MHz Filter for VSB system M - IF Applications
SF0044BA01931S ICST-SF0044BA01931S Datasheet
197Kb / 2P
44.0 MHz Filter for Broadband Access Applications
Rev 1.1
SF0044BA01979T ICST-SF0044BA01979T Datasheet
218Kb / 2P
44.0 MHz Filter with GD Pre-Distortion for VSB System M - IF Applications
Rev 2.0
logo
Oscilent Corporation
835-IF44.0M-05B OSCILENT-835-IF44.0M-05B Datasheet
169Kb / 6P
44.0 MHz IF SAW Filter 5.60 MHz Bandwidth
835-IF44.0M-05A OSCILENT-835-IF44.0M-05A Datasheet
178Kb / 6P
44.0 MHz IF SAW Filter 5.40 MHz Bandwidth
logo
Transko Electronics, In...
TA44EF TRANSKO-TA44EF Datasheet
377Kb / 3P
44.0 MHz IF SAW Filter / 5.40 MHz Bandwidth
Revision 1: 29. Oct. 2007
TA04405AF TRANSKO-TA04405AF Datasheet
580Kb / 4P
44.0 MHz IF SAW Filter / 5.40 MHz Bandwidth
Revision 0: 16 January 2008
TA04405BF TRANSKO-TA04405BF Datasheet
639Kb / 4P
44.0 MHz IF SAW Filter / 5.60 MHz Bandwidth
Revision 0: 17 March 2008
TA04406AF TRANSKO-TA04406AF Datasheet
474Kb / 4P
44.0 MHz IF SAW Filter / 6.49 MHz Bandwidth
Revision 0: 16 OCT. 2009
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com