Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDSP-H511 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HDSP-H511 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HDSP-H511
Download  HDSP-H511 Download
File Size   264.8 Kbytes
Page   14 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Black Surface Seven Segment Displays

HDSP-H511 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDSP-H511 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-H511
Download  HDSP-H511 Click to download

File Size   264.8 Kbytes
Page   14 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Black Surface Seven Segment Displays

HDSP-H511 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HDSP-H511 Product details

Description

These devices use industry standard size package and pinout. Available with black surface finish. All devices are available as either common anode or common cathode.

Typical applications include appliances, channel indicators of TV, CATV converters, game machines, and point of sale terminals.



Features

• Black surface and color tinted epoxy

• Industry standard size

• Industry standard pinout

• Choice of character size

   7.6 mm (0.30 in.), 10 mm (0.40 in.), 14.2 mm (0.56 in.)

• Choice of colors

   AlGaAs Red, High Efficiency Red (HER), Green, Orange

• Excellent appearance

   Evenly lighted segments

   ± 50° Viewing angle

• Design flexibility

   Common anode or common cathode

   Single and two digit

• Categorized for luminous intensity

   Categorized for color: Green

   Use of like categories yields a uniform display

• Excellent for long digit string multiplexing



 




Similar Part No. - HDSP-H511

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-H511 HP-HDSP-H511 Datasheet
189Kb / 14P
Black Surface Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-H511 AVAGO-HDSP-H511 Datasheet
1Mb / 13P
Black Surface Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-H511-00200 HP-HDSP-H511-00200 Datasheet
189Kb / 14P
Black Surface Seven Segment Displays
HDSP-H511-00300 HP-HDSP-H511-00300 Datasheet
189Kb / 14P
Black Surface Seven Segment Displays
HDSP-H511-00400 HP-HDSP-H511-00400 Datasheet
189Kb / 14P
Black Surface Seven Segment Displays
More results


Similar Description - HDSP-H511

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
5082-7650 QT-5082-7650 Datasheet
526Kb / 5P
0.43-INCH SEVEN SEGMENT DISPLAYS
MAN6600 QT-MAN6600 Datasheet
527Kb / 5P
0.560-INCH SEVEN SEGMENT DISPLAYS
MAN8900 QT-MAN8900 Datasheet
453Kb / 4P
0.800-INCH SEVEN SEGMENT DISPLAYS
FND367 QT-FND367 Datasheet
409Kb / 4P
SEVEN SEGMENT DISPLAYS
logo
Fairchild Semiconductor
MAN70A FAIRCHILD-MAN70A Datasheet
721Kb / 9P
SEVEN SEGMENT DISPLAYS
logo
Agilent(Hewlett-Packard...
HDSP-AX11 HP-HDSP-AX11 Datasheet
189Kb / 14P
Black Surface Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-335X AVAGO-HDSP-335X Datasheet
1Mb / 18P
Low Current Seven Segment Displays
HDSP-H103 AVAGO-HDSP-H103 Datasheet
1Mb / 18P
Low Current Seven Segment Displays
HDSP-A413 AVAGO-HDSP-A413_10 Datasheet
1Mb / 13P
Black Surface Seven Segment Displays
HDSP-550X AVAGO-HDSP-550X Datasheet
352Kb / 10P
Seven Segment Displays
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com