Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0070BA03060S Datasheet (PDF) - Integrated Circuit Systems

SF0070BA03060S Datasheet PDF - Integrated Circuit Systems
Part # SF0070BA03060S
Download  SF0070BA03060S Download
File Size   64.77 Kbytes
Page   2 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 70.0 MHz Low-Loss Filter 14.0 MHz Bandwidth

SF0070BA03060S Datasheet (PDF)

Go To PDF Page Download Datasheet
SF0070BA03060S Datasheet PDF - Integrated Circuit Systems

Part # SF0070BA03060S
Download  SF0070BA03060S Click to download

File Size   64.77 Kbytes
Page   2 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 70.0 MHz Low-Loss Filter 14.0 MHz Bandwidth

SF0070BA03060S Datasheet (HTML) - Integrated Circuit Systems




Similar Part No. - SF0070BA03060S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0070BA03060S APITECH-SF0070BA03060S Datasheet
65Kb / 2P
70.0 MHz Low-Loss Filter 14.0 MHz Bandwidth
More results


Similar Description - SF0070BA03060S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0070BA03056S ICST-SF0070BA03056S Datasheet
174Kb / 2P
70.0 MHz Low-Loss Filter 6.0 MHz Bandwidth Part Number SF0070BA03056S
Rev x4
SF0070CF51549T ICST-SF0070CF51549T Datasheet
197Kb / 2P
70.0 MHz Filter 3.5 MHz Bandwidth
Rev 1.0
logo
API Technologies Corp
SF0070CF51549T APITECH-SF0070CF51549T Datasheet
201Kb / 2P
70.0 MHz Filter 3.5 MHz Bandwidth
SF0070BA03060S APITECH-SF0070BA03060S Datasheet
65Kb / 2P
70.0 MHz Low-Loss Filter 14.0 MHz Bandwidth
SF0070BA03056S APITECH-SF0070BA03056S Datasheet
178Kb / 2P
70.0 MHz Low-Loss Filter 6.0 MHz Bandwidth
logo
Oscilent Corporation
820-IF70.0M-Y OSCILENT-820-IF70.0M-Y_14 Datasheet
225Kb / 4P
70.0 MHz IF SAW Filter 11.9 MHz Bandwidth
813-IF70.0M-14E OSCILENT-813-IF70.0M-14E Datasheet
220Kb / 6P
70.0 MHz IF SAW Filter 14.80 MHz Bandwidth
813-SL70.0M-13A OSCILENT-813-SL70.0M-13A Datasheet
343Kb / 9P
70.0 MHz IF SAW Filter 13.96 MHz Bandwidth
821-IF70.0M-07A OSCILENT-821-IF70.0M-07A Datasheet
184Kb / 6P
70.0 MHz IF SAW Filter 7.28 MHz Bandwidth
logo
Transko Electronics, In...
TA07014AD1 TRANSKO-TA07014AD1 Datasheet
623Kb / 4P
70.0 MHz IF SAW Filter / 14.0 MHz Bandwidth
Revision 0: 27 Dec. 2007
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com