Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0070CD21803T Datasheet (PDF) - Integrated Circuit Systems

SF0070CD21803T Datasheet PDF - Integrated Circuit Systems
Part # SF0070CD21803T
Download  SF0070CD21803T Download
File Size   211.11 Kbytes
Page   2 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 69.99 MHz Filter for CDMA Applications

SF0070CD21803T Datasheet (PDF)

Go To PDF Page Download Datasheet
SF0070CD21803T Datasheet PDF - Integrated Circuit Systems

Part # SF0070CD21803T
Download  SF0070CD21803T Click to download

File Size   211.11 Kbytes
Page   2 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 69.99 MHz Filter for CDMA Applications

SF0070CD21803T Datasheet (HTML) - Integrated Circuit Systems




Similar Part No. - SF0070CD21803T

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0070CD21803T APITECH-SF0070CD21803T Datasheet
150Kb / 3P
69.99 MHz SAW Filter 1.26 MHz Bandwidth
More results


Similar Description - SF0070CD21803T

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
854550-1 TRIQUINT-854550-1 Datasheet
31Kb / 1P
69.99 MHz SAW Bandpass Filter for CDMA Basestation Receiver Applications Part Number 854550-1
856199 TRIQUINT-856199 Datasheet
613Kb / 5P
69.99 MHz SAW Filter
logo
Integrated Circuit Syst...
SF0070CD02386S ICST-SF0070CD02386S Datasheet
105Kb / 2P
69.99 MHz Bandpass Filter 1.26 MHz bandwidth
Rev X4
SF0190CD01937S ICST-SF0190CD01937S Datasheet
222Kb / 2P
190 MHz Filter for W-CDMA Applications
Rev 03
logo
API Technologies Corp
SF0190CD01937S APITECH-SF0190CD01937S Datasheet
237Kb / 2P
190 MHz Filter for W-CDMA Applications
SF0070CD21803T APITECH-SF0070CD21803T Datasheet
150Kb / 3P
69.99 MHz SAW Filter 1.26 MHz Bandwidth
SF0070CD03108T APITECH-SF0070CD03108T Datasheet
146Kb / 3P
69.99 MHz SAW Filter 0.8 MHz Bandwidth
SF0070CD02386S APITECH-SF0070CD02386S Datasheet
174Kb / 3P
69.99 MHz SAW Filter 1.26 MHz Bandwidth
logo
TriQuint Semiconductor
855049 TRIQUINT-855049_15 Datasheet
69Kb / 1P
160 MHz CDMA SAW Filter for Basestation Transmitter Applications
logo
Transko Electronics, In...
TA07016BD1 TRANSKO-TA07016BD1 Datasheet
531Kb / 4P
69.99 MHz IF SAW Filter / 16.02 MHz Bandwidth
Revision 0: 11 MAR. 2009
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com