Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC43S57 Datasheet (PDF) - NXP Semiconductors

LPC43S57 Datasheet PDF - NXP Semiconductors
Part # LPC43S57
Download  LPC43S57 Download
File Size   2871.02 Kbytes
Page   157 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, 2 x USB, LCD, EMC, AES engine

LPC43S57 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPC43S57 Datasheet PDF - NXP Semiconductors

Part # LPC43S57
Download  LPC43S57 Click to download

File Size   2871.02 Kbytes
Page   157 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, 2 x USB, LCD, EMC, AES engine

LPC43S57 Datasheet (HTML) - NXP Semiconductors


LPC43S57 Product details

General description
The LPC43S5x/S3x are ARM Cortex-M4 based microcontrollers for embedded
applications which include an ARM Cortex-M0 coprocessor, up to 1 MB of flash and
136 kB of on-chip SRAM, 16 kB of EEPROM memory, security features with AES engine,
a quad SPI Flash Interface (SPIFI), advanced configurable peripherals such as the State
Configurable Timer (SCT) and the Serial General Purpose I/O (SGPIO) interface, two
High-speed USB controllers, Ethernet, LCD, an external memory controller, and multiple
digital and analog peripherals. The LPC43S5x/S3x operate at CPU frequencies of up to
204 MHz.
The ARM Cortex-M4 is a 32-bit core that offers system enhancements such as low power
consumption, enhanced debug features, and a high level of support block integration. The
ARM Cortex-M4 CPU incorporates a 3-stage pipeline, uses a Harvard architecture with
separate local instruction and data buses as well as a third bus for peripherals, and
includes an internal prefetch unit that supports speculative branching. The ARM
Cortex-M4 supports single-cycle digital signal processing and SIMD instructions. A
hardware floating-point unit is integrated in the core. The ARM Cortex-M4 with
floating-point unit is often referred to as M4F.
The ARM Cortex-M0 coprocessor is an energy-efficient and easy-to-use 32-bit core which
is upward code- and tool-compatible with the Cortex-M4 core. The Cortex-M0
coprocessor, designed as a replacement for existing 8/16-bit microcontrollers, offers up to
204 MHz performance with a simple instruction set and reduced code size.

Features and benefits
 Cortex-M4 Processor core
 ARM Cortex-M4 processor (version r0p1), running at frequencies of up to
204 MHz.
 Built-in Memory Protection Unit (MPU) supporting eight regions.
 Built-in Nested Vectored Interrupt Controller (NVIC).
 Hardware floating-point unit.
 Non-maskable Interrupt (NMI) input.
 JTAG and Serial Wire Debug (SWD), serial trace, eight breakpoints, and four
watch points.
 Enhanced Trace Module (ETM) and Enhanced Trace Buffer (ETB) support.
 System tick timer.
 Cortex-M0 Processor core
 ARM Cortex-M0 coprocessor (version r0p0) capable of off-loading the main ARM
Cortex-M4 application processor.
 Running at frequencies of up to 204 MHz.
 JTAG
 Built-in NVIC.
 On-chip memory
 Up to 1 MB on-chip dual bank flash memory with flash accelerator.
 16 kB on-chip EEPROM data memory.
 136 kB SRAM for code and data use.
 Multiple SRAM blocks with separate bus access. Two SRAM blocks can be
powered down individually.
 64 kB ROM containing boot code and on-chip software drivers.
 64 bit of One-Time Programmable (OTP) memory for general-purpose use.
 Two banks (256 bit total) One-Time Programmable (OTP) memory for AES key
storage. One bank can store an encrypted key for decoding the boot image.
 AES engine for encryption and decryption of the boot image and data with DMA
support and programmable via a ROM-based API.
 Configurable digital peripherals
 Serial GPIO (SGPIO) interface.
 State Configurable Timer (SCT) subsystem on AHB.
 Global Input Multiplexer Array (GIMA) allows to cross-connect multiple inputs and
outputs to event driven peripherals like the timers, SCT, and ADC0/1.
 Serial interfaces
 Quad SPI Flash Interface (SPIFI) with four lanes and up to 52 MB per second.
 10/100T Ethernet MAC with RMII and MII interfaces and DMA support for high
throughput at low CPU load. Support for IEEE 1588 time stamping/advanced time
stamping (IEEE 1588-2008 v2).
 One High-speed USB 2.0 Host/Device/OTG interface with DMA support and
on-chip high-speed PHY.
 One High-speed USB 2.0 Host/Device interface with DMA support, on-chip
full-speed PHY and ULPI interface to external high-speed PHY.
 USB interface electrical test software included in ROM USB stack.
 One 550 UART with DMA support and full modem interface.
 Three 550 USARTs with DMA and synchronous mode support and a smart card
interface conforming to ISO7816 specification. One USART with IrDA interface.
 Up to two C_CAN 2.0B controllers with one channel each.
 Two SSP controllers with FIFO and multi-protocol support. Both SSPs with DMA
support.
 One SPI controller.
 One Fast-mode Plus I2C-bus interface with monitor mode and with open-drain I/O
pins conforming to the full I2C-bus specification. Supports data rates of up to
1 Mbit/s.
 One standard I2C-bus interface with monitor mode and with standard I/O pins.
 Two I2S interfaces, each with DMA support and with one input and one output.
 Digital peripherals
 External Memory Controller (EMC) supporting external SRAM, ROM, NOR flash,
and SDRAM devices.
 LCD controller with DMA support and a programmable display resolution of up to
1024 H  768 V. Supports monochrome and color STN panels and TFT color
panels; supports 1/2/4/8 bpp Color Look-Up Table (CLUT) and 16/24-bit direct
pixel mapping. Available on parts LPC4357/53 only.
 Secure Digital Input Output (SD/MMC) card interface.
 Eight-channel General-Purpose DMA controller can access all memories on the
AHB and all DMA-capable AHB slaves.
 Up to 164 General-Purpose Input/Output (GPIO) pins with configurable
pull-up/pull-down resistors.
 GPIO registers are located on the AHB for fast access. GPIO ports have DMA
support.
 Up to eight GPIO pins can be selected from all GPIO pins as edge and level
sensitive interrupt sources.
 Two GPIO group interrupt modules enable an interrupt based on a programmable
pattern of input states of a group of GPIO pins.
 Four general-purpose timer/counters with capture and match capabilities.
 One motor control Pulse Width Modulator (PWM) for three-phase motor control.
 One Quadrature Encoder Interface (QEI).
 Repetitive Interrupt timer (RI timer).
 Windowed watchdog timer (WWDT).
 Ultra-low power Real-Time Clock (RTC) on separate power domain with 256 bytes
of battery powered backup registers.
 Alarm timer; can be battery powered.
 Analog peripherals
 One 10-bit DAC with DMA support and a data conversion rate of 400 kSamples/s.
 Two 10-bit ADCs with DMA support and a data conversion rate of 400 kSamples/s.
Up to eight input channels per ADC.
 Unique ID for each device.
 Clock generation unit
 Crystal oscillator with an operating range of 1 MHz to 25 MHz.
 12 MHz internal RC oscillator trimmed to 3 % accuracy over temperature and
voltage (1.5 % accuracy for Tamb = 0 °C to 85 °C).
 Ultra-low power Real-Time Clock (RTC) crystal oscillator.
 Three PLLs allow CPU operation up to the maximum CPU rate without the need for
a high-frequency crystal. The second PLL can be used with the High-speed USB,
the third PLL can be used as audio PLL.
 Clock output.
 Power
 Single 3.3 V (2.4 V to 3.6 V) power supply with on-chip DC-to-DC converter for the
core supply and the RTC power domain.
 RTC power domain can be powered separately by a 3 V battery supply.
 Four reduced power modes: Sleep, Deep-sleep, Power-down, and Deep
power-down.
 Processor wake-up from Sleep mode via wake-up interrupts from various
peripherals.
 Wake-up from Deep-sleep, Power-down, and Deep power-down modes via
external interrupts and interrupts generated by battery powered blocks in the RTC
power domain.
 Brownout detect with four separate thresholds for interrupt and forced reset.
 Power-On Reset (POR).
 Available as LQFP208, LQFP144, LBGA256, or TFBGA100 packages

Applications
 Motor control
 Embedded audio applications
 Power management
 Industrial automation
 White goods
 e-metering
 RFID readers




Similar Part No. - LPC43S57

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC43S57JBD208 NXP-LPC43S57JBD208 Datasheet
7Mb / 157P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, 2 x USB, LCD, EMC, AES engine
Rev. 1.3-13 January2020
LPC43S57JET256 NXP-LPC43S57JET256 Datasheet
7Mb / 157P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, 2 x USB, LCD, EMC, AES engine
Rev. 1.3-13 January2020
More results


Similar Description - LPC43S57

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1823JBD144E PHILIPS-LPC1823JBD144E Datasheet
2Mb / 147P
32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB
Rev. 4-31 October 2012
LPC18S5X PHILIPS-LPC18S5X_15 Datasheet
2Mb / 152P
32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1-24 February 2015
LPC4367JET100E NXP-LPC4367JET100E Datasheet
2Mb / 156P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.2-14 March 2016
LPC185X NXP-LPC185X Datasheet
2Mb / 155P
32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 5.2-8 March 2016
LPC435X NXP-LPC435X Datasheet
7Mb / 162P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
LPC18S5X NXP-LPC18S5X Datasheet
2Mb / 152P
32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1.3-10 January 2020
LPC436X NXP-LPC436X Datasheet
6Mb / 156P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.3-10 January 2020
LPC43S6X NXP-LPC43S6X Datasheet
6Mb / 156P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1.3-13 January 2020
LPC43S5X NXP-LPC43S5X Datasheet
7Mb / 157P
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, 2 x USB, LCD, EMC, AES engine
Rev. 1.3-13 January2020
LPC43S50 NXP-LPC43S50 Datasheet
7Mb / 156P
32-bit ARM Cortex-M4/M0 flashless MCU with security features; up to 264 kB SRAM, Ethernet; two HS USBs, AES engine, LCD, EMC, SPIFI
Rev. 1.3 - 20 January 2020
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com