Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL9005 Datasheet (PDF) - Analog Devices

ADL9005 Datasheet PDF - Analog Devices
Part # ADL9005
Download  ADL9005 Download
File Size   1623.23 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Wideband, Low Noise Amplifier, Single Positive Supply, 0.01 GHz to 26.5 GHz

ADL9005 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL9005 Datasheet PDF - Analog Devices

Part # ADL9005
Download  ADL9005 Click to download

File Size   1623.23 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Wideband, Low Noise Amplifier, Single Positive Supply, 0.01 GHz to 26.5 GHz

ADL9005 Datasheet (HTML) - Analog Devices


ADL9005 Product details

FEATURES
► Single positive supply
► Low noise figure: 2.5 dB typical from 0.01 GHz to 14 GHz
► High gain: 17.5 dB typical from 0.01 GHz to 14 GHz
► OP1dB: 13.5 dBm typical from 0.01 GHz to 20 GHz
► High OIP3: 26 dBm typical from 0.01 GHz to 14 GHz
► RoHS-compliant, 4 mm × 4 mm, LFCSP
APPLICATIONS
► Test instrumentation
► Military
► Communications




Similar Part No. - ADL9005

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL9005 AD-ADL9005 Datasheet
616Kb / 24P
Wideband, Low Noise Amplifier, Single Positive Supply, 0.01 GHz to 26.5 GHz
2/2021-Revision 0
ADL9005-EVALZ AD-ADL9005-EVALZ Datasheet
616Kb / 24P
Wideband, Low Noise Amplifier, Single Positive Supply, 0.01 GHz to 26.5 GHz
2/2021-Revision 0
ADL9005ACPZN AD-ADL9005ACPZN Datasheet
616Kb / 24P
Wideband, Low Noise Amplifier, Single Positive Supply, 0.01 GHz to 26.5 GHz
2/2021-Revision 0
ADL9005ACPZN-R7 AD-ADL9005ACPZN-R7 Datasheet
616Kb / 24P
Wideband, Low Noise Amplifier, Single Positive Supply, 0.01 GHz to 26.5 GHz
2/2021-Revision 0
More results


Similar Description - ADL9005

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMC-5023 HP-AMMC-5023 Datasheet
215Kb / 9P
23 GHz Low Noise Amplifier (21.2-26.5 GHz)
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5023 AVAGO-AMMC-5023 Datasheet
271Kb / 9P
23 GHz Low Noise Amplifier (21.2-26.5 GHz)
logo
Analog Devices
HMC8411LP2FE AD-HMC8411LP2FE Datasheet
575Kb / 23P
Low Noise Amplifier, 0.01 GHz to 10 GHz
5/2019-Rev. 0 to Rev. A
logo
Custom MMIC Design Serv...
CMD275 MMIC-CMD275 Datasheet
253Kb / 10P
DC-26.5 GHz Low Phase Noise Amplifier
CMD275P4 MMIC-CMD275P4 Datasheet
275Kb / 10P
DC-26.5 GHz Low Phase Noise Amplifier
logo
Analog Devices
ADL9005 AD-ADL9005 Datasheet
616Kb / 24P
Wideband, Low Noise Amplifier, Single Positive Supply, 0.01 GHz to 26.5 GHz
2/2021-Revision 0
logo
Qorvo, Inc
CMD275P4 QORVO-CMD275P4 Datasheet
275Kb / 10P
DC-26.5 GHz Low Phase Noise Amplifier
CMD275 QORVO-CMD275 Datasheet
302Kb / 11P
DC-26.5 GHz Low Phase Noise Amplifier
logo
Analog Devices
HMC-C582 AD-HMC-C582 Datasheet
214Kb / 10P
0.01 GHz to 20 GHz, Ultra Wideband Power Amplifier Module
9/2016-Revision 0
HMC8413 AD-HMC8413 Datasheet
621Kb / 21P
Low Noise Amplifier, 0.01 GHz to 9 GHz
10/2021-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com