Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS Datasheet (PDF) - Infineon Technologies AG

S29GL01GS Datasheet PDF - Infineon Technologies AG
Part # S29GL01GS
Download  S29GL01GS Download
File Size   1465.92 Kbytes
Page   122 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ flash Parallel, 3.0 V

S29GL01GS Datasheet (PDF)

Go To PDF Page Download Datasheet
S29GL01GS Datasheet PDF - Infineon Technologies AG

Part # S29GL01GS
Download  S29GL01GS Click to download

File Size   1465.92 Kbytes
Page   122 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ flash Parallel, 3.0 V

S29GL01GS Datasheet (HTML) - Infineon Technologies AG


S29GL01GS Product details

Distinctive characteristics
• CMOS 3.0 V core with versatile I/O
• 65 nm MIRRORBIT™ Eclipse technology
• Single supply (VCC) for read / program / erase (2.7 V to 3.6 V)
• Versatile I/O feature
- Wide I/O voltage range (VIO): 1.65 V to VCC
• ×16 data bus
• Asynchronous 32-byte page read
• 512-byte programming buffer
- Programming in page multiples, up to a maximum of 512 bytes
• Single word and multiple program on same word options
• Automatic error checking and correction (ECC) – internal hardware ECC with single bit error correction
• Sector erase
- Uniform 128-kbyte sectors
• Suspend and resume commands for program and erase operations
• Status register, data polling, and ready/busy pin methods to determine device status
• Advanced sector protection (ASP)
- Volatile and non-volatile protection methods for each sector
• Separate 1024-byte one time program (OTP) array with two lockable regions
• Common flash interface (CFI) parameter table
• Temperature range / grade
- Industrial (–40°C to +85°C)
- Industrial plus(–40°C to +105°C)
- Automotive, AEC-Q100 grade 3 (–40°C to +85°C)
- Automotive, AEC-Q100 grade 2 (–40°C to +105°C)
• 100,000 program / erase cycles
• 20 years data retention
• Packaging options
- 56-pin TSOP
- 64-ball LAA Fortified BGA, 13 mm × 11 mm
- 64-ball LAE Fortified BGA, 9 mm × 9 mm
- 56-ball VBU Fortified BGA, 9 mm × 7 mm




Similar Part No. - S29GL01GS

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL01GS SPANSION-S29GL01GS Datasheet
3Mb / 104P
GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL01GS SPANSION-S29GL01GS Datasheet
3Mb / 104P
GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS SPANSION-S29GL01GS Datasheet
906Kb / 106P
GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
logo
Cypress Semiconductor
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
Revised June 21, 2018
More results


Similar Description - S29GL01GS

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S83200A ISSI-IS42S83200A Datasheet
917Kb / 49P
256 Mb Synchronous DRAM
logo
SPANSION
S29WS-P SPANSION-S29WS-P Datasheet
1Mb / 89P
512/256/128 Mb (32/16/8 M x 16 bit) 1.8 V Burst Simultaneous Read/Write MirrorBit Flash Memory
logo
California Eastern Labs
NX5312 CEL-NX5312_06 Datasheet
285Kb / 7P
1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
logo
SPANSION
S29WS-P SPANSION-S29WS-P_07 Datasheet
3Mb / 94P
MirrorBit짰 Flash Family 512/256/128 Mb (32/16/8 M x 16 bit) 1.8 V Burst Simultaneous Read/Write MirrorBit Flash Memory
logo
NEC
NX5322 NEC-NX5322 Datasheet
94Kb / 7P
1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
logo
Hynix Semiconductor
H27U518S2CTR-BC HYNIX-H27U518S2CTR-BC Datasheet
414Kb / 37P
512 Mb NAND Flash
logo
California Eastern Labs
NX5322 CEL-NX5322 Datasheet
190Kb / 7P
1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
logo
List of Unclassifed Man...
SLFLD25-128J ETC2-SLFLD25-128J Datasheet
195Kb / 21P
128 MB to 8 GB 2.5-Inch IDE Flash Drives
logo
Cypress Semiconductor
S79FL256S CYPRESS-S79FL256S Datasheet
2Mb / 111P
256 Mbit (32 MB)/512 Mbit (64 MB), 3 V, Dual-Quad SPI Flash
S29WS512P CYPRESS-S29WS512P Datasheet
1,002Kb / 91P
512/256/128 Mb (32/16/8 M x 16 bit), 1.8 V, Simultaneous Read/Write Flash
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com