Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL064S Datasheet (PDF) - Infineon Technologies AG

S29GL064S Datasheet PDF - Infineon Technologies AG
Part # S29GL064S
Download  S29GL064S Download
File Size   1737.84 Kbytes
Page   119 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 64 Mb (8 MB) GL-S MIRRORBIT™ flash Parallel, 3.0 V

S29GL064S Datasheet (PDF)

Go To PDF Page Download Datasheet
S29GL064S Datasheet PDF - Infineon Technologies AG

Part # S29GL064S
Download  S29GL064S Click to download

File Size   1737.84 Kbytes
Page   119 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 64 Mb (8 MB) GL-S MIRRORBIT™ flash Parallel, 3.0 V

S29GL064S Datasheet (HTML) - Infineon Technologies AG


S29GL064S Product details

• Software and hardware features
- Software features
• Advanced sector protection: offers persistent sector protection and password sector protection
• Program Suspend and Resume: read other sectors before programming operation is completed
• Erase Suspend and Resume: read / program other sectors before an erase operation is completed
• Data# polling and toggle bits provide status
• Common flash interface (CFI) compliant: allows host system to identify and accommodate multiple flash
devices
• Unlock Bypass Program command reduces overall multiple-word programming time
- Hardware features
• WP#/ACC input supports manufacturing programming operations (when high voltage is applied). Protects
first or last sector regardless of sector protection settings on uniform sector models
• Hardware reset input (RESET#) resets device
• Ready/Busy# output (RY/BY#) detects program or erase cycle completion




Similar Part No. - S29GL064S

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S29GL064S CYPRESS-S29GL064S Datasheet
1Mb / 105P
64 Mbit (8 Mbyte) 3.0 V Flash Memory
More results


Similar Description - S29GL064S

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F008SCH-V SHARP-LH28F008SCH-V Datasheet
1Mb / 41P
8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY
LH28F008SCH SHARP-LH28F008SCH Datasheet
1Mb / 44P
8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY
logo
Numonyx B.V
M29W128GH NUMONYX-M29W128GH Datasheet
1Mb / 94P
128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
logo
Hynix Semiconductor
H27U518S2CTR-BC HYNIX-H27U518S2CTR-BC Datasheet
414Kb / 37P
512 Mb NAND Flash
logo
SPANSION
S29GL01GS11TFIV20 SPANSION-S29GL01GS11TFIV20 Datasheet
3Mb / 104P
GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS10TFI010 SPANSION-S29GL01GS10TFI010 Datasheet
3Mb / 104P
GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL512S11TFIV20 SPANSION-S29GL512S11TFIV20 Datasheet
3Mb / 104P
GL-S MirrorBit Eclipse Flash Non-Volatile Memory Fam
logo
Cypress Semiconductor
S27KL0641 CYPRESS-S27KL0641 Datasheet
770Kb / 29P
HyperRAM??Self-Refresh DRAM 3.0V/1.8V 64 Mb (8 MB)
S79FL256S CYPRESS-S79FL256S Datasheet
2Mb / 111P
256 Mbit (32 MB)/512 Mbit (64 MB), 3 V, Dual-Quad SPI Flash
logo
ON Semiconductor
LE25W81QE ONSEMI-LE25W81QE_17 Datasheet
195Kb / 21P
Serial Flash Memory 8 Mb
February 2017 - Rev. 0
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com