Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0140CF51902T Datasheet (PDF) - Integrated Circuit Systems

SF0140CF51902T Datasheet PDF - Integrated Circuit Systems
Part # SF0140CF51902T
Download  SF0140CF51902T Download
File Size   186.07 Kbytes
Page   2 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 140.0 MHz Filter 0.75 MHz Bandwidth

SF0140CF51902T Datasheet (PDF)

Go To PDF Page Download Datasheet
SF0140CF51902T Datasheet PDF - Integrated Circuit Systems

Part # SF0140CF51902T
Download  SF0140CF51902T Click to download

File Size   186.07 Kbytes
Page   2 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 140.0 MHz Filter 0.75 MHz Bandwidth

SF0140CF51902T Datasheet (HTML) - Integrated Circuit Systems




Similar Part No. - SF0140CF51902T

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0140CF51902T APITECH-SF0140CF51902T Datasheet
190Kb / 2P
140.0 MHz Filter 0.75 MHz Bandwidth
More results


Similar Description - SF0140CF51902T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0140CF51905T ICST-SF0140CF51905T Datasheet
196Kb / 2P
140.0 MHz Filter 2.0 MHz Bandwidth
Rev 1.1
logo
List of Unclassifed Man...
SF0140CF51904T ETC2-SF0140CF51904T Datasheet
194Kb / 2P
140.0 MHz Filter 1.5 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0140CF51904T ICST-SF0140CF51904T Datasheet
194Kb / 2P
140.0 MHz Filter 1.5 MHz Bandwidth
Rev 1.1
SF0140CF51907T ICST-SF0140CF51907T Datasheet
199Kb / 2P
140.0 MHz Filter 3.0 MHz Bandwidth
Rev 1.1
logo
API Technologies Corp
SF0140CF51907T APITECH-SF0140CF51907T Datasheet
203Kb / 2P
140.0 MHz Filter 3.0 MHz Bandwidth
SF0140CF51905T APITECH-SF0140CF51905T Datasheet
200Kb / 2P
140.0 MHz Filter 2.0 MHz Bandwidth
SF0140CF51904T APITECH-SF0140CF51904T Datasheet
198Kb / 2P
140.0 MHz Filter 1.5 MHz Bandwidth
SF0140CF51902T APITECH-SF0140CF51902T Datasheet
190Kb / 2P
140.0 MHz Filter 0.75 MHz Bandwidth
SF0140BA03070S APITECH-SF0140BA03070S Datasheet
188Kb / 2P
140.0 MHz Low-Loss Filter 10.0 MHz Bandwidth
logo
Transko Electronics, In...
TA140CD TRANSKO-TA140CD Datasheet
294Kb / 3P
140.0 MHz IF SAW Filter / 25.0 MHz Bandwidth
Revision 1: 29. Oct. 2007
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com