Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLP6C-RKW-AKW Datasheet (PDF) - Cree LED

CLP6C-RKW-AKW Datasheet PDF - Cree LED
Part # CLP6C-RKW-AKW
Download  CLP6C-RKW-AKW Download
File Size   713.7 Kbytes
Page   9 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description CLP6C-RKW/AKW: PLCC6 3 IN 1 SMD LED

CLP6C-RKW-AKW Datasheet (PDF)

Go To PDF Page Download Datasheet
CLP6C-RKW-AKW Datasheet PDF - Cree LED

Part # CLP6C-RKW-AKW
Download  CLP6C-RKW-AKW Click to download

File Size   713.7 Kbytes
Page   9 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description CLP6C-RKW/AKW: PLCC6 3 IN 1 SMD LED

CLP6C-RKW-AKW Datasheet (HTML) - Cree LED


CLP6C-RKW-AKW Product details

PRODUCT DESCRIPTION
These SMD LEDs are packaged in the
industry standard PLCC6 package. These
high-reliability and high-brightness LEDs
are designed to work in a wide range of
environmental conditions and are ideally
suited for use in illumination applications.
Their wide viewing angle makes these LEDs
ideally suited for channel letter, or general
backlighting and illumination applications.
The flat top emitting surface makes it easy
for these LEDs to mate with light pipes.

FEATURES
• Size (mm): 6.0 X 5.0
• Color and Typical Dominant
Wavelength:
Red (618-630nm)
Amber (584-596nm)
• Luminous Intensity (mcd)
CLP6C-RKW:(3550-7100)
CLP6C-AKW:(3550-9000)
• Lead - Free
• RoHS Compliant

APPLICATIONS
• Channel Letter
• Backlight




Similar Part No. - CLP6C-RKW-AKW

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLP6C-RKW-CYBA0AA3 CREE-CLP6C-RKW-CYBA0AA3 Datasheet
493Kb / 8P
PLCC6 3-in-1 SMD LED
logo
Marktech Corporate
CLP6C-RKW-CYbA0AA3 MARKTECH-CLP6C-RKW-CYbA0AA3 Datasheet
493Kb / 8P
Cree짰 PLCC6 3-in-1 SMD LED
logo
Cree, Inc
CLP6C-RKW-CZ0A0AA3 CREE-CLP6C-RKW-CZ0A0AA3 Datasheet
493Kb / 8P
PLCC6 3-in-1 SMD LED
logo
Marktech Corporate
CLP6C-RKW-CZ0A0AA3 MARKTECH-CLP6C-RKW-CZ0A0AA3 Datasheet
493Kb / 8P
Cree짰 PLCC6 3-in-1 SMD LED
More results


Similar Description - CLP6C-RKW-AKW

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLP6B-WKW CREE-CLP6B-WKW Datasheet
639Kb / 10P
PLCC6 3-in-1 SMD LED
CLP6C-RKW CREE-CLP6C-RKW Datasheet
493Kb / 8P
PLCC6 3-in-1 SMD LED
CLV6A-FKB CREE-CLV6A-FKB Datasheet
583Kb / 11P
PLCC6 3 in 1 SMD LED
logo
Marktech Corporate
CLP6C-FKB MARKTECH-CLP6C-FKB Datasheet
511Kb / 9P
PLCC6 3 in 1 SMD LED
CLP6C-RKW MARKTECH-CLP6C-RKW Datasheet
493Kb / 8P
PLCC6 3-in-1 SMD LED
CLP6C-FKB MARKTECH-CLP6C-FKB_15 Datasheet
511Kb / 9P
PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLY6D-FKC CREE-CLY6D-FKC Datasheet
1Mb / 10P
PLCC6 3 in 1 SMD LED
CLV6B-FKB CREE-CLV6B-FKB Datasheet
1Mb / 11P
PLCC6 3-in-1 SMD LED
CLX6A-FKB CREE-CLX6A-FKB Datasheet
1Mb / 11P
PLCC6 3 in 1 SMD LED
CLYBA-FKA CREE-CLYBA-FKA Datasheet
1Mb / 10P
PLCC6 3 in 1 SMD LED
More results




About Cree LED


Cree LED is a product line of LED lighting products offered by Cree, Inc., a semiconductor company based in Durham, North Carolina. Cree LED lighting products include bulbs, fixtures, and chips, which are used in a variety of applications, including residential, commercial, and industrial lighting.

Cree LED lighting products are known for their high quality, energy efficiency, and long lifespan. The company's LED bulbs are designed to last up to 25 times longer than traditional incandescent bulbs, while using up to 85% less energy. Cree LED fixtures offer a range of options for different applications, including indoor and outdoor lighting, and are known for their high efficiency, superior light quality, and long lifespan.

In addition to its LED lighting products, Cree also offers a range of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as power electronics products, that are used in a variety of applications, including automotive, aerospace, and defense. Cree is committed to developing new and innovative products that meet the evolving needs of its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com