Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC157 Datasheet (PDF) - SG Micro Corp

74LVC157 Datasheet PDF - SG Micro Corp
Part # 74LVC157
Download  74LVC157 Download
File Size   727.84 Kbytes
Page   13 Pages
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp
Description Quad 2-Input Multiplexer

74LVC157 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC157 Datasheet PDF - SG Micro Corp

Part # 74LVC157
Download  74LVC157 Click to download

File Size   727.84 Kbytes
Page   13 Pages
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp
Description Quad 2-Input Multiplexer

74LVC157 Datasheet (HTML) - SG Micro Corp


74LVC157 Product details

GENERAL DESCRIPTION
The 74LVC157 is a quad 2-input multiplexer designed
for 1.2V to 3.6V operating voltage. The inputs from
3.3V or 5V devices make this device can be used as a
translator in a mixed 3.3V and 5V system environment.
The enable input (E) is active low. When E is held high,
the 1Y to 4Y outputs are forced to low-state no matter
what the conditions of the inputs are. When pin E is
held low, four bits of data are selected from one of two
sources that are determined by the state of the
common data selection input (S), and are routed to the
four outputs. The four outputs present the true
(non-inverting) selected data. The S input can also be
used as function generator

FEATURES
● Wide Supply Voltage Range: 1.2V to 3.6V
● Inputs Accept Voltages up to 5V with 5V Logic
● CMOS Low Power Consumption
● Direct Interface with TTL Levels
● -40℃ to +125℃ Operating Temperature Range
● Available in Green TQFN-2.5×3.5-16L, SOIC-16
and TSSOP-16 Packages




Similar Part No. - 74LVC157

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC157A PHILIPS-74LVC157A Datasheet
111Kb / 17P
Quad 2-input multiplexer
2003 Dec 02
logo
Nexperia B.V. All right...
74LVC157A NEXPERIA-74LVC157A Datasheet
254Kb / 15P
Quad 2-input multiplexer
Rev. 10 - 20 September 2021
74LVC157A-Q100 NEXPERIA-74LVC157A-Q100 Datasheet
720Kb / 17P
Quad 2-input multiplexer
logo
NXP Semiconductors
74LVC157ABQ PHILIPS-74LVC157ABQ Datasheet
111Kb / 17P
Quad 2-input multiplexer
2003 Dec 02
logo
Nexperia B.V. All right...
74LVC157ABQ NEXPERIA-74LVC157ABQ Datasheet
254Kb / 15P
Quad 2-input multiplexer
Rev. 10 - 20 September 2021
More results


Similar Description - 74LVC157

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
Quad 2-input multiplexer
1998 Apr 30
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
Quad 2-Input Multiplexer
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
Quad 2-Input Multiplexer
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
Quad 2-Input Multiplexer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com