Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2T45 Datasheet (PDF) - SG Micro Corp

74LVC2T45 Datasheet PDF - SG Micro Corp
Part # 74LVC2T45
Download  74LVC2T45 Download
File Size   803.89 Kbytes
Page   15 Pages
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp
Description 2-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation

74LVC2T45 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC2T45 Datasheet PDF - SG Micro Corp

Part # 74LVC2T45
Download  74LVC2T45 Click to download

File Size   803.89 Kbytes
Page   15 Pages
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp
Description 2-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation

74LVC2T45 Datasheet (HTML) - SG Micro Corp


74LVC2T45 Product details

GENERAL DESCRIPTION
The 74LVC2T45 is a 2-bit, dual-supply bus transceiver
with configurable voltage translation. The device has
two separate configurable power-supply rails. The A
and B ports track the VCCA supply and VCCB supply
respectively. The supply voltage pins accept voltage
range from 1.65V to 5.5V, which makes the device
suitable for low voltage bidirectional translation voltage
nodes of 1.8V, 2.5V, 3.3V, and 5V.
The 74LVC2T45 features that two data buses can
communicate asynchronously. Either the A port outputs
or the B port outputs can be activated by DIR logic
levels. The DIR input circuit is supplied by VCCA. When
B port outputs are activated, the device allows the data
to transmit from A bus to B bus. On the contrary, when
A port outputs are activated, the device allows the data
to transmit from B bus to A bus. The input circuit is
always active on the two ports. A logic level of high or
low must be set to avoid excessive supply current.

FEATURES
● VCCA Supply Voltage Range: 1.65V to 5.5V
● VCCB Supply Voltage Range: 1.65V to 5.5V
● DIR Input Circuit Referenced to VCCA
● +32mA/-32mA Output Current
● Data Rates
 420Mbps (3.3V to 5V Translation)
 210Mbps (Translate to 3.3V)
 140Mbps (Translate to 2.5V)
 75Mbps (Translate to 1.8V)
● Outputs in High-Impedance State when VCCA or
VCCB = 0V
● -40℃ to +125℃ Operating Temperature Range
● Available in Green MSOP-8 and XTDFN-1.35×1-8L
Packages

APPLICATIONS
Personal Electronic Devices
Industrial and Enterprise Devices
Telecommunications




Similar Part No. - 74LVC2T45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2T45 NXP-74LVC2T45 Datasheet
907Kb / 32P
Dual supply translating transceiver; 3-state
Rev. 03-19 January 2010
74LVC2T45 PHILIPS-74LVC2T45 Datasheet
1Mb / 36P
Dual supply translating transceiver; 3-state
Rev. 4-20 August 2010
logo
Diodes Incorporated
74LVC2T45 DIODES-74LVC2T45 Datasheet
842Kb / 15P
DUAL BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
January 2021
logo
Nexperia B.V. All right...
74LVC2T45 NEXPERIA-74LVC2T45 Datasheet
418Kb / 33P
Dual supply translating transceiver; 3-state
Rev. 12 - 1 March 2023
74LVC2T45-Q100 NEXPERIA-74LVC2T45-Q100 Datasheet
377Kb / 30P
Dual supply translating transceiver; 3-state
More results


Similar Description - 74LVC2T45

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2T45 TI-SN74LVC2T45_07 Datasheet
491Kb / 23P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_07 Datasheet
386Kb / 20P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_10 Datasheet
611Kb / 25P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45 TI-SN74AVCH2T45_09 Datasheet
640Kb / 24P
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
74AVC2T245 NEXPERIA-74AVC2T245 Datasheet
259Kb / 23P
2-bit dual supply translating transceiver with configurable voltage translation; 3-state
logo
Texas Instruments
SN74AXC2T245 TI1-SN74AXC2T245 Datasheet
331Kb / 26P
SN74AXC2T245 2-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and Tri-State Outputs
SN74LVC2T45 TI1-SN74LVC2T45_V01 Datasheet
1Mb / 32P
Dual-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation
SN74LVC2T45DCU TI1-SN74LVC2T45DCU Datasheet
1Mb / 32P
Dual-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation
logo
Nexperia B.V. All right...
74AVC2T245-Q100 NEXPERIA-74AVC2T245-Q100 Datasheet
281Kb / 21P
2-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 1 - 14 June 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com