Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XA-S3 Datasheet (PDF) - NXP Semiconductors

XA-S3 Datasheet PDF - NXP Semiconductors
Part # XA-S3
Download  XA-S3 Download
File Size   295.67 Kbytes
Page   52 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description XA 16-bit microcontroller 32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16 MB address range

XA-S3 Datasheet (PDF)

Go To PDF Page Download Datasheet
XA-S3 Datasheet PDF - NXP Semiconductors

Part # XA-S3
Download  XA-S3 Click to download

File Size   295.67 Kbytes
Page   52 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description XA 16-bit microcontroller 32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16 MB address range

XA-S3 Datasheet (HTML) - NXP Semiconductors


XA-S3 Product details

GENERAL DESCRIPTION
The XA-S3 device is a member of Philips Semiconductors’ XA (eXtended Architecture) family of high performance 16-bit single-chip microcontrollers.
The XA-S3 device combines many powerful peripherals on one
chip. With its high performance A/D converter, timers/counters, watchdog, Programmable Counter Array (PCA), I2C interface, dual UARTs, and multiple general purpose I/O ports, it is suited for general multipurpose high performance embedded control functions.

Specific features of the XA-S3
• 2.7 V to 5.5 V operation.
• 32 K bytes of on-chip EPROM/ROM program memory.
• 1024 bytes of on-chip data RAM.
• Supports off-chip addressing up to 16 megabytes (24 address
   lines). A clock output reference is added to simplify external bus
   interfacing.
• High performance 8-channel 8-bit A/D converter with automatic
   channel scan and repeated read functions. Completes a
   conversion in 4.46 microseconds at 30 MHz. Alternate operating
   mode allows 10-bit conversion results.
• Three standard counter/timers with enhanced features. All timers
   have a toggle output capability.
• Watchdog timer.
• 5-channel 16-bit Programmable Counter Array (PCA).
• I2C-bus serial I/O port with byte-oriented master and slave functions.
• Two enhanced UARTs with independent baud rates.
• Seven software interrupts.
• Active low reset output pin indicates all reset occurrences
   (external reset, watchdog reset and the RESET instruction). A
   reset source register allows program determination of the cause of
   the most recent reset.
• 50 I/O pins, each with 4 programmable output configurations.
• 30 MHz operating frequency at 2.7–5.5 V VDD.
• Power saving operating modes: Idle and Power-down. Wake-up
   from power-down via an external interrupt is supported.
• 68-pin PLCC and 80-pin PQFP packages.




Similar Part No. - XA-S3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XA-S3 PHILIPS-XA-S3 Datasheet
281Kb / 52P
XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
2000 Dec 01
More results


Similar Description - XA-S3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XA-G3 PHILIPS-XA-G3 Datasheet
208Kb / 36P
XA 16-bit microcontroller family 32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
1999 Apr 07
XA-S3 PHILIPS-XA-S3 Datasheet
281Kb / 52P
XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
2000 Dec 01
XA-G39 PHILIPS-XA-G39 Datasheet
217Kb / 42P
XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM, watchdog, 2 UARTs
2002 Mar 13
logo
ATMEL Corporation
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C32X2 ATMEL-TS80C32X2_08 Datasheet
603Kb / 55P
8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
TS80C54 ATMEL-TS80C54 Datasheet
527Kb / 62P
8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
fujitsu semiconductor
MB85RC16 FUJITSU-MB85RC16 Datasheet
138Kb / 20P
Memory FRAM 16 K (2 K x 8) Bit I2C
logo
NXP Semiconductors
P80C31SBAA PHILIPS-P80C31SBAA Datasheet
263Kb / 38P
80C51 8-bit microcontroller family 4 K/8 K OTP/ROM low voltage (2.7 V??.5 V)
2000 Aug 07
8XC51_8XC52 PHILIPS-8XC51_8XC52_15 Datasheet
263Kb / 38P
80C51 8-bit microcontroller family 4 K/8 K OTP/ROM low voltage (2.7 V??.5 V), lowpower, high speed (33 MHz), 128/256 B RAM
2000 Aug 07
logo
fujitsu semiconductor
MB85RC16VPNF-G FUJITSU-MB85RC16VPNF-G Datasheet
306Kb / 29P
16 K (2 K 횞 8) Bit I2C
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com