Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL17052 Datasheet (PDF) - Diodes Incorporated

AL17052 Datasheet PDF - Diodes Incorporated
Part # AL17052
Download  AL17052 Download
File Size   824.81 Kbytes
Page   16 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 700V BUCK CONVERTER WITH SMALL INDUCTOR

AL17052 Datasheet (PDF)

Go To PDF Page Download Datasheet
AL17052 Datasheet PDF - Diodes Incorporated

Part # AL17052
Download  AL17052 Click to download

File Size   824.81 Kbytes
Page   16 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 700V BUCK CONVERTER WITH SMALL INDUCTOR

AL17052 Datasheet (HTML) - Diodes Incorporated


AL17052 Product details

Features
• Small Inductor (330μH) Operation
• Ultra-Fast Startup, < 8ms
• Internal MOSFET up to 700V
• Fixed Option for Output 5V
• No-Load Operation Power Less than 10mW
• High Efficiency 60% at 50mA Output
• High Light-Load Efficiency 50% at 10mA Output
• Universal 85 to 300VAC Input Range
• Supports Low Component-Count Buck Topologies
• Auto-Restart for Overcurrent and Overload Faults
• Excellent Load and Line Regulation
• Fast Transient Response
• Constant Voltage (CV) Control
• Undervoltage Lockout (UVLO) Protection for Input Voltage
• Overcurrent Protection
• Overload Protection
• Overtemperature Protection (OTP)
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/104/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/

Applications
• Home appliance applications
• IoT applications
• Industrial controls
• Low standby power applications




Similar Part No. - AL17052

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL17050 DIODES-AL17050 Datasheet
591Kb / 15P
UNIVERSAL HIGH VOLTAGE STEP DOWN CONVERTER
Rev 2
AL17050WT-7 DIODES-AL17050WT-7 Datasheet
591Kb / 15P
UNIVERSAL HIGH VOLTAGE STEP DOWN CONVERTER
Rev 2
AL17051 DIODES-AL17051 Datasheet
969Kb / 16P
ULTRA-LOW STANDBY POWER HV BUCK CONVERTER
Rev. 2 - 2 October 2022
AL17051V33W5-7 DIODES-AL17051V33W5-7 Datasheet
969Kb / 16P
ULTRA-LOW STANDBY POWER HV BUCK CONVERTER
Rev. 2 - 2 October 2022
AL17051V5W5-7 DIODES-AL17051V5W5-7 Datasheet
969Kb / 16P
ULTRA-LOW STANDBY POWER HV BUCK CONVERTER
Rev. 2 - 2 October 2022
More results


Similar Description - AL17052

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN5322QI ALTERA-EN5322QI Datasheet
899Kb / 17P
2A PowerSoC Synchronous Buck DC-DC Converter with Integrated Inductor
EN5396QI ALTERA-EN5396QI Datasheet
1Mb / 19P
9A PowerSoC Synchronous DC-DC Buck Converter with Integrated Inductor
logo
Micrel Semiconductor
MIC33163 MICREL-MIC33163 Datasheet
1Mb / 19P
Buck Regulator with Integrated Inductor
MIC33263 MICREL-MIC33263 Datasheet
1Mb / 19P
Buck Regulator with Integrated Inductor
logo
STMicroelectronics
AN2728 STMICROELECTRONICS-AN2728 Datasheet
270Kb / 20P
ST1S12 small synchronous buck converter
22-Apr-2008
logo
Texas Instruments
TPS63010 TI1-TPS63010_16 Datasheet
1Mb / 27P
Highly Efficient, Single Inductor Buck-Boost Converter
logo
Richtek Technology Corp...
RT6154A RICHTEK-RT6154A Datasheet
169Kb / 15P
High Efficiency Single Inductor Buck-Boost Converter
logo
Monolithic Power System...
MP28163 MPS-MP28163 Datasheet
1Mb / 18P
High Efficiency Single Inductor Buck-Boost Converter with 2.9A Switches
MP28164 MPS-MP28164 Datasheet
1Mb / 20P
High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches
MP2155 MPS-MP2155 Datasheet
900Kb / 18P
High Efficiency Single Inductor Buck-Boost Converter with 2.2A Switches
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com