Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0836BA02513S Datasheet (PDF) - Integrated Circuit Systems

SF0836BA02513S Datasheet PDF - Integrated Circuit Systems
Part # SF0836BA02513S
Download  SF0836BA02513S Download
File Size   76.28 Kbytes
Page   3 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 836.5 MHz SAW Filter 25 MHz Bandwidth

SF0836BA02513S Datasheet (PDF)

Go To PDF Page Download Datasheet
SF0836BA02513S Datasheet PDF - Integrated Circuit Systems

Part # SF0836BA02513S
Download  SF0836BA02513S Click to download

File Size   76.28 Kbytes
Page   3 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 836.5 MHz SAW Filter 25 MHz Bandwidth

SF0836BA02513S Datasheet (HTML) - Integrated Circuit Systems




Similar Part No. - SF0836BA02513S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0836BA02513S APITECH-SF0836BA02513S Datasheet
110Kb / 3P
836.5 MHz SAW Filter 35 MHz Bandwidth
More results


Similar Description - SF0836BA02513S

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855729 TRIQUINT-855729 Datasheet
394Kb / 5P
836.5 MHz SAW Filter
855821 TRIQUINT-855821 Datasheet
381Kb / 5P
836.5 MHz SAW Filter
856243 TRIQUINT-856243 Datasheet
527Kb / 6P
836.5 MHz SAW Filter
logo
Integrated Technology F...
T83651B ITF-T83651B Datasheet
159Kb / 2P
836.5 MHz SAW Filter
Rev 1.0 2013. 03. 29
logo
API Technologies Corp
SF0836BA02513S APITECH-SF0836BA02513S Datasheet
110Kb / 3P
836.5 MHz SAW Filter 35 MHz Bandwidth
logo
TriQuint Semiconductor
855821 TRIQUINT-855821_15 Datasheet
558Kb / 5P
836.5 MHz SAW Filter
856704 TRIQUINT-856704_15 Datasheet
331Kb / 6P
836.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1415A TAI-SAW-TA1415A Datasheet
253Kb / 7P
SAW Filter 836.5 MHz
TA1652A TAI-SAW-TA1652A Datasheet
152Kb / 6P
SAW Filter 836.5 MHz
TA1692C TAI-SAW-TA1692C Datasheet
505Kb / 9P
SAW Filter 836.5 MHz
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com