Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL58221 Datasheet (PDF) - Diodes Incorporated

AL58221 Datasheet PDF - Diodes Incorporated
Part # AL58221
Download  AL58221 Download
File Size   846.05 Kbytes
Page   26 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 12-CHANNEL RGB LED DRIVER

AL58221 Datasheet (PDF)

Go To PDF Page Download Datasheet
AL58221 Datasheet PDF - Diodes Incorporated

Part # AL58221
Download  AL58221 Click to download

File Size   846.05 Kbytes
Page   26 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 12-CHANNEL RGB LED DRIVER

AL58221 Datasheet (HTML) - Diodes Incorporated


AL58221 Product details

Features
• Input Voltage VDD: 3V to 5.5V
• Constant Current Output Range
• 3~60mA@5V
• 3~35mA@3.3V
• 12 Constant-Current Sink (R/G/B x 4) Output Channels
• RGB Output Current setting by 3 external resistors
• 24V Rated output channels for long LED strings
• ±1% (typ.) LED Current accuracy between channels
• ±2% (typ.) LED Current accuracy between devices
• 16 / 14 / 12 / 8-bit grayscale selection
• Grayscale clock source selection: internal or external
• PWM or APDM control selection
• Programmable Output Current Trise / Tfall time
• Output Current Bilateral Processing for EMI reduction
• Diagnosis and Protections
• Built-in internal grayscale clock supports refresh rate
>1000Hz@16-bit grayscale, >256KHz@8-bit grayscale
• Internal Grayscale clock frequency selection for High-Power
LED driving application (min. 33.6KHz)
• 2-Wire Serial Interface (DI, DCKI)
• 20Mbps (max.) ~ 140 Kbps(min.) data rate for EMI
reduction data transfer
• Cascaded capability (Max 1,030 devices)
• Clock duty recovery for cascading applications
• Schmitt trigger input
• Totally Lead-Free & Fully RoHS Compliant (Notes 1& 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/104/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/

Applications
• Indoor and outdoor LED video displays
• Architectural and decorative lighting
• Digital signage and billboard applications
• LCD display backlighting
• Transportation signs




Similar Part No. - AL58221

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL5822 DIODES-AL5822 Datasheet
380Kb / 10P
ADAPTIVE 100Hz/120Hz LED CURRENT RIPPLE SUPPRESSOR
Rev 1
AL5822W6-7 DIODES-AL5822W6-7 Datasheet
380Kb / 10P
ADAPTIVE 100Hz/120Hz LED CURRENT RIPPLE SUPPRESSOR
Rev 1
More results


Similar Description - AL58221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5930 TI-TLC5930 Datasheet
779Kb / 39P
12-CHANNEL LED DRIVER
logo
List of Unclassifed Man...
MBI1009 ETC1-MBI1009 Datasheet
152Kb / 8P
3-Channel RGB LED Lamp Driver
MBI6010 ETC-MBI6010 Datasheet
187Kb / 4P
3-Channel Driver for RGB LED Cluster
logo
Richtek Technology Corp...
RT9301 RICHTEK-RT9301 Datasheet
250Kb / 9P
3-Channel Low Dropout RGB LED Driver
logo
ON Semiconductor
CAT4103V-GT2 ONSEMI-CAT4103V-GT2 Datasheet
243Kb / 13P
3-Channel Constant-Current RGB LED Driver
Doc. No. MD-5038, Rev. A
CAT4103 ONSEMI-CAT4103 Datasheet
162Kb / 13P
3-Channel Constant-Current RGB LED Driver
March, 2010 ??Rev. 1
logo
Texas Instruments
TLC59711 TI1-TLC59711 Datasheet
963Kb / 36P
12-Channel, 16-Bit, Enhanced Spectrum PWM, RGB, LED Driver
TLC5971 TI1-TLC5971_15 Datasheet
1Mb / 45P
12-Channel, 16-Bit, Enhanced Spectrum, PWM, RGB, LED Driver
logo
ON Semiconductor
CAT4109 ONSEMI-CAT4109_15 Datasheet
187Kb / 10P
3-Channel Constant-Current RGB LED Driver
May, 2015 ??Rev. 6
logo
MOSDESIGN SEMICONDUCTOR...
M1355 MOSDESIGN-M1355 Datasheet
253Kb / 6P
3-CHANNEL RGB LED LAMP DRIVER
2009-12-17
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com