Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM3386 Datasheet (PDF) - PMC-Sierra, Inc

PM3386 Datasheet PDF - PMC-Sierra, Inc
Part # PM3386
Download  PM3386 Download
File Size   63.54 Kbytes
Page   4 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Dual Gigabit Ethernet Controller

PM3386 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM3386 Datasheet PDF - PMC-Sierra, Inc

Part # PM3386
Download  PM3386 Click to download

File Size   63.54 Kbytes
Page   4 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Dual Gigabit Ethernet Controller

PM3386 Datasheet (HTML) - PMC-Sierra, Inc


PM3386 Product details

FEATURES
General
• Two port full-duplex Gigabit Ethernet Controller with an industry standard POS-PHY Level 3 system interface.
• Provides direct connect to optics via two internal Serializer/Deserializer (SERDES)
• Provides connection to copper Gigabit Ethernet physical layer devices via two GMII interfaces.
• Incorporates dual SERDES, compatible to IEEE 802.3 1998 PMA physical layer specification.
• Provides on-chip data recovery and clock synthesis.
• Supports dual IEEE 802.3 -1998 GMII interfaces for connection to copper Gigabit Ethernet physical layer devices.
• Provides dual standard IEEE 802.3 Gigabit Ethernet MACs for frame verification.
• Enables frame filtering on 8 unicast or 64 multicast entries.
• Internal 16k byte egress and 64k byte ingress FIFOs per channel to accommodate system latencies.
• Incorporates SATURN POS-PHY Level 3 32-bit System Interface clocked up to 104 MHz (32 bit mode only).
• Line side loopback capability for system level diagnostic capability.
• Includes 16 bit generic microprocessor interface for device initialization, control, register and per port statistics access.
• Provides a standard 5 signal P1149.1 JTAG test port for boundary scan board test purposes.
• Low power 1.8V CMOS device with 3.3V TTL compatible digital inputs (5V TTL compatible microprocessor inputs) and 3.3V CMOS/TTL compatible digital outputs within a 352 pin 27mm by 27mm UBGA package.
• Industrial temperature range (-40°C to +85°C).

APPLICATIONS
• Core Routers
• Edge Routers
• Enterprise Edge Routers
• Multi-Service Switches/Routers
• SONET/SDH Transport Muxes




Similar Part No. - PM3386

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM3386 PMC-PM3386 Datasheet
2Mb / 315P
DUAL GIGABIT ETHERNET CONTROLLER
PM3386 PMC-PM3386 Datasheet
59Kb / 2P
Dual Gigabit Ethernet Controller
PM3386-1 PMC-PM3386-1 Datasheet
59Kb / 2P
Dual Gigabit Ethernet Controller
PM3386-BI PMC-PM3386-BI Datasheet
2Mb / 315P
DUAL GIGABIT ETHERNET CONTROLLER
More results


Similar Description - PM3386

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM3386 PMC-PM3386 Datasheet
2Mb / 315P
DUAL GIGABIT ETHERNET CONTROLLER
logo
List of Unclassifed Man...
TC9021 ETC-TC9021 Datasheet
20Kb / 2P
Gigabit Ethernet Controller
logo
LSI Computer Systems
8101 LSI-8101 Datasheet
1Mb / 172P
Gigabit Ethernet Controller
logo
Intel Corporation
82571EB INTEL-82571EB Datasheet
334Kb / 4P
Gigabit Ethernet Controller
82546EB INTEL-82546EB Datasheet
565Kb / 47P
Dual Port Gigabit Ethernet Controller
82544EI INTEL-82544EI Datasheet
368Kb / 52P
Gigabit Ethernet Controller
317697-001 INTEL-317697-001 Datasheet
544Kb / 69P
Gigabit Ethernet Controller
FW82546GB INTEL-FW82546GB Datasheet
305Kb / 54P
82546GB Dual Port Gigabit Ethernet Controller
logo
PMC-Sierra, Inc
PM3386-1 PMC-PM3386-1 Datasheet
59Kb / 2P
Dual Gigabit Ethernet Controller
logo
Intel Corporation
82545EM INTEL-82545EM Datasheet
774Kb / 28P
Gigabit Ethernet Controller
June 6, 2006
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com