Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4502 Datasheet (PDF) - Welwyn Components Limited

4502 Datasheet PDF - Welwyn Components Limited
Part # 4502
Download  4502 Download
File Size   130.69 Kbytes
Page   2 Pages
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited
Description HIGH VOLTAGE PLANAR RESISTORS

4502 Datasheet (PDF)

Go To PDF Page Download Datasheet
4502 Datasheet PDF - Welwyn Components Limited

Part # 4502
Download  4502 Click to download

File Size   130.69 Kbytes
Page   2 Pages
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited
Description HIGH VOLTAGE PLANAR RESISTORS

4502 Datasheet (HTML) - Welwyn Components Limited


4502 Product details

High Voltage Planar Resistors



4500 Series

•Voltages up to 20kV dc.

•Powers up to 4.5 Watts

•TCR to 50ppm/°C

•Customs design service available

•Planar construction gives low inductance and capacitance



Application Notes

The terminations should not be bent closer than 1.5mm from the body, and the recommended minimum bend radius is 1mm.

Due to the high voltage which can appear between the resistor body and any adjacent metal part, resistors should be mounted at an adequate distance from other conducting parts.

Due to the possibility of surface condensation it is recommended that high voltages are not applied to resistors

in conditions of high humidity.



 




Similar Part No. - 4502

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
4502 RENESAS-4502 Datasheet
880Kb / 116P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
3Mb / 214P
4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
logo
TT Electronics.
4502 TTELEC-4502 Datasheet
432Kb / 3P
customs design service available
4502 TTELEC-4502 Datasheet
449Kb / 3P
High Voltage Planar Resistors
logo
Heyco.
4502 HEYCO-4502 Datasheet
469Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
More results


Similar Description - 4502

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HVP03 ETC-HVP03 Datasheet
428Kb / 1P
HIGH VOLTAGE THICK FILM PLANAR RESISTORS
logo
TT Electronics.
4500 TTELEC-4500_17 Datasheet
449Kb / 3P
High Voltage Planar Resistors
logo
Token Electronics Indus...
HI83 TOKEN-HI83 Datasheet
658Kb / 7P
Thick Film Planar Dividers, High Voltage Resistors
logo
Murata Manufacturing Co...
MHR0307SA105M20 MURATA1-MHR0307SA105M20_V01 Datasheet
79Kb / 2P
High Voltage Resistors
09/16/2022
MHR0307SA105M70 MURATA1-MHR0307SA105M70_V01 Datasheet
79Kb / 2P
High Voltage Resistors
09/16/2022
MHR0307SA106D20 MURATA1-MHR0307SA106D20_V01 Datasheet
79Kb / 2P
High Voltage Resistors
09/16/2022
MHR0307SA106F20 MURATA1-MHR0307SA106F20_V01 Datasheet
79Kb / 2P
High Voltage Resistors
09/16/2022
MHR0307SA106G20 MURATA1-MHR0307SA106G20_V01 Datasheet
79Kb / 2P
High Voltage Resistors
09/16/2022
MHR0307SA106G70 MURATA1-MHR0307SA106G70_V01 Datasheet
79Kb / 2P
High Voltage Resistors
09/16/2022
MHR0307SA105F70 MURATA1-MHR0307SA105F70_V01 Datasheet
79Kb / 2P
High Voltage Resistors
09/16/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com