Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM4314 Datasheet (PDF) - PMC-Sierra, Inc

PM4314 Datasheet PDF - PMC-Sierra, Inc
Part # PM4314
Download  PM4314 Download
File Size   823.39 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description QUAD T1/E1 LINE INTERFACE DEVICE

PM4314 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM4314 Datasheet PDF - PMC-Sierra, Inc

Part # PM4314
Download  PM4314 Click to download

File Size   823.39 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description QUAD T1/E1 LINE INTERFACE DEVICE

PM4314 Datasheet (HTML) - PMC-Sierra, Inc


PM4314 Product details

FEATURES
• Integrates four duplex DSX-1 or CEPT E1 compatible line interface circuits in
   a single monolithic device. Line format is selected on a per-device basis.
• Provides clock recovery and line performance monitoring in the receivers.
• Provides jitter attenuation and programmable line build out in the transmitters.
• Utilizes digital phase-locked loops for receive and transmit clock derivation
   without the use of tuned circuits.
• Provides an integrated 8X clock multiplier for generation of required highspeed clocks in applications not requiring jitter attenuation.
• Optionally inserts Alarm Indication Signal (AIS) when loopback modes are
   enabled. AIS insertion may also be directly controlled via the microprocessor
   interface.
• Provides a generic microprocessor interface for initial configuration, ongoing
   control, and status monitoring.
• Generates an interrupt upon detection of any of various alarms, events, or
   changes in status. Identification of interrupt sources, masking of interrupt
   sources, and acknowledgment of interrupts is provided via internal registers.
• Provides optional hardware programmed mode which provides external
   configuration pins when microprocessor access is not available to the device.
• Provides a standard 5 signal P1149.1 JTAG test port for boundary scan board
   test purposes.
• Provides seamless interface to PM4344 TQUAD, PM6344 EQUAD, PM8313
   D3MX, and PM7344 S/UNI-MPH.
• Low power CMOS technology, 1500 mW power dissipation processing all
   ones signals on all four quadrants.
• 128-pin (14mm x 20mm) PQFP package.

APPLICATIONS
• T1 or E1 ATM interfaces
• Electronic DSX-1/CEPT E1 Cross-connects
• Digital Access and Cross-connect Systems (DACS)
• Multiplexers
• Channel Service Units (CSUs)
• DSX-1/CEPT E1 Repeaters
• Test Equipment




Similar Part No. - PM4314

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4314 PMC-PM4314 Datasheet
87Kb / 2P
Quad T1/E1 Line Interface Unit
PM4314 PMC-PM4314 Datasheet
822Kb / 170P
QUAD T1/E1 LINE INTERFACE DEVICE
PM4314-1 PMC-PM4314-1 Datasheet
822Kb / 170P
QUAD T1/E1 LINE INTERFACE DEVICE
PM4314-RI PMC-PM4314-RI Datasheet
822Kb / 170P
QUAD T1/E1 LINE INTERFACE DEVICE
More results


Similar Description - PM4314

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4314 PMC-PM4314 Datasheet
87Kb / 2P
Quad T1/E1 Line Interface Unit
PM4318 PMC-PM4318 Datasheet
2Mb / 244P
OCTAL E1/T1/J1 LINE INTERFACE DEVICE
logo
Agere Systems
TLIU04C1 AGERE-TLIU04C1 Datasheet
1Mb / 100P
TLIU04C1 Quad T1/E1 Line Interface
Rev. 2 April 1999
logo
Dallas Semiconductor
DS21448 DALLAS-DS21448 Datasheet
1Mb / 60P
3.3V E1/T1/J1 Quad Line Interface
logo
List of Unclassifed Man...
CS61577-IL1 ETC-CS61577-IL1 Datasheet
632Kb / 44P
T1/E1 LINE INTERFACE
logo
Cirrus Logic
CS61304A CIRRUS-CS61304A Datasheet
354Kb / 32P
T1/E1 Line Interface
CS61535A CIRRUS-CS61535A_09 Datasheet
415Kb / 36P
T1/E1 Line Interface
CS61574A CIRRUS-CS61574A_09 Datasheet
463Kb / 34P
T1/E1 Line Interface
logo
PMC-Sierra, Inc
PM4314-1 PMC-PM4314-1 Datasheet
822Kb / 170P
QUAD T1/E1 LINE INTERFACE DEVICE
logo
Maxim Integrated Produc...
DS21448 MAXIM-DS21448 Datasheet
837Kb / 60P
3.3V E1/T1/J1 Quad Line Interface
REV: 011206
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com