Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM4341A Datasheet (PDF) - PMC-Sierra, Inc

PM4341A Datasheet PDF - PMC-Sierra, Inc
Part # PM4341A
Download  PM4341A Download
File Size   43.8 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description T1 TRANSCEIVER

PM4341A Datasheet (PDF)

Go To PDF Page Download Datasheet
PM4341A Datasheet PDF - PMC-Sierra, Inc

Part # PM4341A
Download  PM4341A Click to download

File Size   43.8 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description T1 TRANSCEIVER

PM4341A Datasheet (HTML) - PMC-Sierra, Inc


PM4341A Product details

FEATURES
• Integrates a full-featured T1 framer and line interface in a single device with
   analog circuitry for receiving and transmitting DSX-1 compatible signals and
   digital circuitry for terminating the duplex DS-1 signal.
• Provides an 8-bit microprocessor bus interface for configuration, control, and
   status monitoring.
• Low power CMOS technology
• Available in either a 68 pin PLCC package, or a high density (14 by 14mm) 80
   pin PQFP package.

The receiver section:
• Provides analog circuitry for receiving a DSX-1 signal up to 655 feet from the
   cross-connect. Direct digital inputs are also provided to allow for by-passing
   the analog front-end.
• Recovers clock and data using a digital phase locked loop for high jitter
   tolerance. A direct clock input is provided to allow clock recovery to be bypassed.
• Accepts dual rail or single rail digital PCM inputs.
• Supports B8ZS or AMI line code.
• Accepts gapped data streams to support higher rate demultiplexing.
• Frames to SF, ESF, T1DM (DDS), and SLC®96 format DS1 signals.
• Provides loss of signal detection, and red, yellow, and AIS alarm detection.
   Red, yellow, and AIS alarms are integrated as per industry specifications.
• Detects violations of the ANSI T1.403 12.5% pulse density rule over a moving
   192 bit window.
• Provides programmable in-band loopback code detection.
• Supports line and path performance monitoring according to AT&T and ANSI
   specifications. Accumulators are provided for counting:
   • ESF CRC-6 errors to 333 per second;
   • Framing bit errors to 31 per second;
   • Line code violations to 4095 per second; and
   • Loss of frame or change of frame alignment events to 7 per
      second.
• Provides ESF bit-oriented code detection, and an HDLC/LAPD interface for
   terminating the ESF data link.
• Supports polled, interrupt-driven, or DMA servicing of the HDLC interface.
• Extracts the data link in ESF, T1DM (DDS) or SLC®96 modes. Extracts the Dchannel for Primary Rate interfaces.
• Provides a two-frame elastic store buffer for jitter and wander attenuation that
   performs controlled slips and indicates slip occurrence and direction.
• Provides robbed bit signalling extraction, with optional data inversion,
   programmable idle code substitution, digital milliwatt code substitution, bit
   fixing, and 2 superframes of signalling debounce on a per-channel basis.
• Provides trunk conditioning which forces programmable trouble code
   substitution and signalling conditioning on all channels or on selected
   channels.
• Optionally provides dual rail digital PCM output signals to allow BPV
   transparency. Also supports unframed mode.
• Supports transfer of received PCM and signalling data to 1.544 Mbit/s
   backplane buses or to 2.048 Mbit/s backplane buses.

APPLICATIONS
• T1 Channel Service Units (CSU) and Data Service Units (DSU)
• T1 Channel Banks (CH BANK) and Multiplexers (CPE MUX)
• Digital Private Branch Exchanges (DPBX)
• Digital Access and Cross-Connect Systems (DACS) and Electronic DSX Cross-Connect Systems (EDSX)
• T1 Frame Relay Interfaces
• T1 ATM Interfaces
• ISDN Primary Rate Interfaces (PRI)
• SONET Add/Drop Multiplexers (ADM)
• Test Equipment




Similar Part No. - PM4341A

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4341A PMC-PM4341A Datasheet
1,015Kb / 2P
T1 FRAMER/TRANSCEIVER
PM4341A-QI PMC-PM4341A-QI Datasheet
1,015Kb / 2P
T1 FRAMER/TRANSCEIVER
PM4341A-QI PMC-PM4341A-QI Datasheet
1,005Kb / 288P
SINGLE DSX-1 TRANSCEIVER DEVICE
PM4341A-RI PMC-PM4341A-RI Datasheet
1,015Kb / 2P
T1 FRAMER/TRANSCEIVER
PM4341A-RI PMC-PM4341A-RI Datasheet
1,005Kb / 288P
SINGLE DSX-1 TRANSCEIVER DEVICE
More results


Similar Description - PM4341A

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4341A PMC-PM4341A Datasheet
1,015Kb / 2P
T1 FRAMER/TRANSCEIVER
PM4351 PMC-PM4351 Datasheet
3Mb / 2P
COMBINED E1/T1 TRANSCEIVER
logo
Asahi Kasei Microsystem...
AK2540 AKM-AK2540 Datasheet
159Kb / 33P
Quad T1 Transceiver
AK2546 AKM-AK2546 Datasheet
123Kb / 27P
7 channel T1 Transceiver
logo
Dallas Semiconductor
DS2180A DALLAS-DS2180A Datasheet
481Kb / 35P
T1 Transceiver
DS2151Q DALLAS-DS2151Q Datasheet
1Mb / 51P
T1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS26524 MAXIM-DS26524_07 Datasheet
1Mb / 273P
Quad T1/E1/J1 Transceiver
REV: 112907
DS2180A MAXIM-DS2180A Datasheet
487Kb / 35P
T1 Transceiver
112099
DS2152 MAXIM-DS2152 Datasheet
1Mb / 97P
Enhanced T1 Single-Chip Transceiver
REV: 011706
DS2151Q MAXIM-DS2151Q Datasheet
626Kb / 60P
T1 Single-Chip Transceiver
REV: 011706
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com