Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSDL-3603 Datasheet (PDF) - Agilent(Hewlett-Packard)

HSDL-3603 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HSDL-3603
Download  HSDL-3603 Download
File Size   342.61 Kbytes
Page   24 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver

HSDL-3603 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSDL-3603 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HSDL-3603
Download  HSDL-3603 Click to download

File Size   342.61 Kbytes
Page   24 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver

HSDL-3603 Datasheet (HTML) - Agilent(Hewlett-Packard)


HSDL-3603 Product details

Description
The HSDL-3603 is a low profile infrared transceiver module that provides interface between logic and IR signals for through-air, serial, half-duplex IR data-link. The module is fully compliant to IrDA Date Physical Layer Specifications v1.4 Fct Infrared (FIR) and IEC825-Class I Eye Safe.

Features
• Fully compliant to IrDA 1.4 Fast Infrared (FIR) from 9.6 kbit/s to 4 Mbit/s
• Typical link distance > 1.5 m
• Miniature package
    – Height: 3.90 mm
    – Width: 9.80 mm
    – Depth: 4.65 mm
• Guaranteed temperature performance, -25 to 70°C
    – Critical parameters are guaranteed over temperature and supply voltage
• Low power consumption
    – Low shutdown current (10 nA typical)
    – Complete shutdown of TXD, RXD, and PIN diode
• Withstands >100 mVp-p power supply ripple typically
• VCC supply 2.7 to 5.25 volts
• Integrated EMI shield
• LED stuck-high protection
• Designed to accommodate light loss with cosmetic windows
• IEC 825-Class 1 eye safe
• Interface to various super I/O and controller devices

Applications
• Digital imaging
    – Digital still cameras
    – Photo-imaging printers
• Data communication
    – Notebook computers
    – Desktop PCs
    – WinCE handheld products
    – Personal Digital Assistants
    – Printers
    – Auto PCs
    – Dongles
    – Set-top box
• Digital imaging
    – Digital cameras
    – Photo-imaging printers
• Telecommunication products
    – Mobile phones
    – Pagers
• Electronic wallet
• Small industrial and medical instrumentation
    – General data collection devices
    – Patient and pharmaceutical data collection devices
• IR LANs




Similar Part No. - HSDL-3603

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3603 AVAGO-HSDL-3603 Datasheet
211Kb / 29P
IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3603-007 AVAGO-HSDL-3603-007 Datasheet
211Kb / 29P
IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3603-207 AVAGO-HSDL-3603-207 Datasheet
211Kb / 29P
IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3603-208 AVAGO-HSDL-3603-208 Datasheet
211Kb / 29P
IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
More results


Similar Description - HSDL-3603

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3220 HP-HSDL-3220 Datasheet
192Kb / 19P
IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3020 AVAGO-HSDL-3020 Datasheet
198Kb / 24P
IrDA짰 Data Compliant Low Power 4.0 Mbit/s with Remote Control Infrared Transceiver
HSDL-3210 AVAGO-HSDL-3210 Datasheet
461Kb / 24P
IrDA짰 Compliant Low Power 1.15 Mbit/s Infrared Transceiver
HSDL-3603 AVAGO-HSDL-3603 Datasheet
211Kb / 29P
IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
HSDL-3211 AVAGO-HSDL-3211 Datasheet
171Kb / 18P
IrDA짰 Data Compliant Low Power 1.15 Mbit/s Infrared Transceiver
HSDL-3220 AVAGO-HSDL-3220 Datasheet
176Kb / 19P
IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3602 LITEON-HSDL-3602 Datasheet
733Kb / 27P
IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3220-021 LITEON-HSDL-3220-021 Datasheet
359Kb / 18P
IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com