Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF24J40 Datasheet (PDF) - Microchip Technology

MRF24J40 Datasheet PDF - Microchip Technology
Part # MRF24J40
Download  MRF24J40 Download
File Size   1228.21 Kbytes
Page   66 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description IEEE 802.15.4??2.4 GHz RF Transceiver

MRF24J40 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF24J40 Datasheet PDF - Microchip Technology

Part # MRF24J40
Download  MRF24J40 Click to download

File Size   1228.21 Kbytes
Page   66 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description IEEE 802.15.4??2.4 GHz RF Transceiver

MRF24J40 Datasheet (HTML) - Microchip Technology


MRF24J40 Product details

OVERVIEW
The MRF24J40 is an IEEE 802.15.4-2003 compliant transceiver supporting MiWi™, ZigBee™ and other proprietary protocols. The MRF24J40 integrates wireless RF, PHY layer baseband and MAC layer architectures that can be combined with a simple microprocessor to apply low data rate to a multitude of applications that include home automation, consumer electronics, PC peripherals, toys, industrial automation and more. The MRF24J40 device integrates a receiver, transmitter, VCO and PLL into a single integrated circuit. It uses advanced radio architecture to minimize external part count and power consumption.

Features:
• Complete IEEE 802.15.4 Specification Compliant
• Supports MiWi™, ZigBee™ and Proprietary Protocols
• Simple, 4-Wire SPI Interface
• Integrated 20 MHz and 32.768 kHz Oscillator Drive
• 20 MHz Reference Clock Output: - Available to drive microcontroller oscillator
• Supports Power-Saving mode
• Low-Current Consumption, Typical 18 mA in RX mode and 22 mA in TX mode
• Typical 2 μA Sleep mode
• Small, 40-Pin Leadless QFN 6x6 mm2 Package

RF/Analog Features:
• ISM Band 2.405-2.48 GHz Operation
• -91 dBm Typical Sensitivity and +5 dBm Maximum Input Level
• +0 dBm Typical Output Power and 38.75 dB TX Power Control Range
• Differential RF Input/Output and Integrated TX/RX Switch
• Integrated Low Phase Noise VCO, Frequency Synthesizer and PLL Loop Filter
• Digital VCO and Filter Calibration
• Integrated RSSI ADC and I/Q DACs
• Integrated LDO
• High Receiver and RSSI Dynamic Range

MAC/Baseband Features:
• Hardware CSMA-CA Mechanism, Automatic ACK Response and FCS Check
• Independent Beacon, Transmit and GTS FIFO
• Hardware Security Engine (AES-128) with CTR, CCM and CBC-MAC modes
• Supports all CCA modes and RSS/LQI
• Automatic Packet Retransmit Capability
• Supports In-Line or Stand-Alone modes for both Encryption and Decryption




Similar Part No. - MRF24J40

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40 Datasheet
2Mb / 152P
IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40 MICROCHIP-MRF24J40 Datasheet
3Mb / 156P
IEEE 802.15.4??2.4 GHz RF Transceiver
2010
MRF24J40 MICROCHIP-MRF24J40 Datasheet
3Mb / 156P
IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
MRF24J40 MICROCHIP-MRF24J40 Datasheet
2Mb / 151P
IEEE 802.15.4™ 2.4 GHz RF Transceiver
Revision E March 2021
MRF24J40-I/ML MICROCHIP-MRF24J40-I/ML Datasheet
2Mb / 152P
IEEE 802.15.4??2.4 GHz RF Transceiver
2008
More results


Similar Description - MRF24J40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
logo
Texas Instruments
CC2520 TI-CC2520 Datasheet
2Mb / 134P
2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_08 Datasheet
2Mb / 152P
IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
IEEE 802.15.4??2.4 GHz RF Transceiver
2010
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
CC2520 TI-CC2520_12 Datasheet
2Mb / 133P
2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
Microchip Technology
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
logo
Texas Instruments
CC2520 TI-CC2520_15 Datasheet
2Mb / 134P
2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
Anaren Microwave
2530E24AZ1 ANAREN-2530E24AZ1 Datasheet
234Kb / 2P
2.4-GHz IEEE 802.15.4 compliant RF transceiver
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_V01 Datasheet
2Mb / 151P
IEEE 802.15.4™ 2.4 GHz RF Transceiver
Revision E March 2021
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com