Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP41B Datasheet (PDF) - Cree LED

CP41B Datasheet PDF - Cree LED
Part # CP41B
Download  CP41B Download
File Size   817.87 Kbytes
Page   11 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description CP41B-RxS, CP41B-AxS: P4 Red & Amber LEDs

CP41B Datasheet (PDF)

Go To PDF Page Download Datasheet
CP41B Datasheet PDF - Cree LED

Part # CP41B
Download  CP41B Click to download

File Size   817.87 Kbytes
Page   11 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description CP41B-RxS, CP41B-AxS: P4 Red & Amber LEDs

CP41B Datasheet (HTML) - Cree LED


CP41B Product details

PRODUCT DESCRIPTION
P4 LEDs offer superior light output for
excellent readability in sunlight and
dependable performance. They provide
extremely stable light output over long
periods of time.
These lamps are made with an advanced
optical-grade epoxy offering superior hightemperature
and high-moisture-resistance
performance in vehicle signal lamps and
amusement lighting.

FEATURES
• Size (mm): 7.6 x 7.6
• Color and Typical Dominant
Wavelength:
Red (628nm)
Amber (591nm)
• Viewing angles:
40°: CP41B-xDS
70°: CP41B-xFS
100°: CP41B-xHS
• Lead - Free
• RoHS Compliant

APPLICATIONS
• Channel Letter
• Amusement




Similar Part No. - CP41B

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CP41B MARKTECH-CP41B Datasheet
626Kb / 10P
P4 LED
logo
Cree, Inc
CP41B-ADS CREE-CP41B-ADS Datasheet
429Kb / 7P
P4 LED
CP41B-ADS CREE-CP41B-ADS Datasheet
626Kb / 10P
P4 LED
CP41B-ADS-CL0P0264 CREE-CP41B-ADS-CL0P0264 Datasheet
626Kb / 10P
P4 LED
logo
Marktech Corporate
CP41B-ADS-CL0P0264 MARKTECH-CP41B-ADS-CL0P0264 Datasheet
626Kb / 10P
Cree짰 P4 LED
More results


Similar Description - CP41B

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LP377THR1-A0G MARKTECH-LP377THR1-A0G Datasheet
223Kb / 2P
P4 AlGaInP Red Ultra Bright LED
logo
Cree, Inc
C503B-RAS CREE-C503B-RAS Datasheet
533Kb / 8P
5-mm Red and Amber Round LEDs
logo
Marktech Corporate
C503B-RAS MARKTECH-C503B-RAS Datasheet
815Kb / 13P
Cree짰 5-mm Red and Amber Round LEDs
C503B-R-A MARKTECH-C503B-R-A Datasheet
815Kb / 13P
5-mm Red and Amber Round LEDs
C503B-R-A MARKTECH-C503B-R-A_15 Datasheet
815Kb / 13P
5-mm Red and Amber Round LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AG70 AVAGO-HLMP-AG70 Datasheet
478Kb / 10P
5 mm Mini Oval Red and Amber LEDs
HLMP-HG70 AVAGO-HLMP-HG70 Datasheet
1Mb / 13P
5mm Standard Oval Red and Amber LEDs
HLMP-EG1G-Y10DD AVAGO-HLMP-EG1G-Y10DD Datasheet
246Kb / 11P
T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
HLMP-EG1S-Z20DD AVAGO-HLMP-EG1S-Z20DD Datasheet
408Kb / 12P
T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
logo
Broadcom Corporation.
HLMP-EG1G-Y10DD BOARDCOM-HLMP-EG1G-Y10DD Datasheet
907Kb / 14P
T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
More results




About Cree LED


Cree LED is a product line of LED lighting products offered by Cree, Inc., a semiconductor company based in Durham, North Carolina. Cree LED lighting products include bulbs, fixtures, and chips, which are used in a variety of applications, including residential, commercial, and industrial lighting.

Cree LED lighting products are known for their high quality, energy efficiency, and long lifespan. The company's LED bulbs are designed to last up to 25 times longer than traditional incandescent bulbs, while using up to 85% less energy. Cree LED fixtures offer a range of options for different applications, including indoor and outdoor lighting, and are known for their high efficiency, superior light quality, and long lifespan.

In addition to its LED lighting products, Cree also offers a range of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as power electronics products, that are used in a variety of applications, including automotive, aerospace, and defense. Cree is committed to developing new and innovative products that meet the evolving needs of its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com