Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS91305YMLFT Datasheet (PDF) - Integrated Circuit Systems

ICS91305YMLFT Datasheet PDF - Integrated Circuit Systems
Part # ICS91305YMLFT
Download  ICS91305YMLFT Download
File Size   86.61 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description High Performance Communication Buffer

ICS91305YMLFT Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS91305YMLFT Datasheet PDF - Integrated Circuit Systems

Part # ICS91305YMLFT
Download  ICS91305YMLFT Click to download

File Size   86.61 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description High Performance Communication Buffer

ICS91305YMLFT Datasheet (HTML) - Integrated Circuit Systems


ICS91305YMLFT Product details

General Description
The ICS91305 is a high performance, low skew, low jitter clock driver. It uses a phase lock loop (PLL) technology to align, in both phase and frequency, the REF input with the CLKOUT signal. It is designed to distribute high speed clocks in communication systems operating at speeds from 10 to 133 MHz.

Features
• Zero input - output delay
• Frequency range 10 - 133 MHz (3.3V)
• 5V tolerant input REF
• High loop filter bandwidth ideal for Spread Spectrum applications.
• Less than 200 ps Jitter between outputs
• Skew controlled outputs
• Skew less than 250 ps between outputs
• Available in 8 pin 150 mil SOIC & 173 mil TSSOP packages
• 3.3V ±10% operation




Similar Part No. - ICS91305YMLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
ICS91305YMILF-T ICSI-ICS91305YMILF-T Datasheet
124Kb / 8P
High Performance Communication Buffer
More results


Similar Description - ICS91305YMLFT

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
1A212 MITEL-1A212 Datasheet
198Kb / 10P
High-Performance DUPLEX(Half-Duplex Communication)
1A353 MITEL-1A353 Datasheet
195Kb / 10P
High-Performance Duplex(Half-Duplex Communication)
logo
Integrated Circuit Syst...
ICS91309 ICST-ICS91309 Datasheet
106Kb / 9P
High performance Communication Buffer
logo
Integrated Circuit Solu...
ICS91305I ICSI-ICS91305I Datasheet
124Kb / 8P
High Performance Communication Buffer
logo
Integrated Device Techn...
ICS91305I IDT-ICS91305I Datasheet
163Kb / 9P
HIGH PERFORMANCE COMMUNICATION BUFFER Zero input - output delay
logo
Texas Instruments
CDCVF2310 TI1-CDCVF2310 Datasheet
884Kb / 23P
High-Performance Clock Buffer
logo
Pericom Semiconductor C...
PI6C4911504-03 PERICOM-PI6C4911504-03 Datasheet
949Kb / 9P
High Performance LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS91305 RENESAS-ICS91305 Datasheet
287Kb / 9P
High Performance Communication Buffer
2019
ICS91305I RENESAS-ICS91305I Datasheet
335Kb / 10P
HIGH PERFORMANCE COMMUNICATION BUFFER
REV G 090612
ICS91309 RENESAS-ICS91309 Datasheet
329Kb / 11P
High Performance Communication Buffer
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com