Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CF Datasheet (PDF) - Integrated Circuit Systems

ICS1893CF Datasheet PDF - Integrated Circuit Systems
Part # ICS1893CF
Download  ICS1893CF Download
File Size   1919.48 Kbytes
Page   126 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 3.3-V 10Base-T/100Base-TX Integrated PHYceive

ICS1893CF Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS1893CF Datasheet PDF - Integrated Circuit Systems

Part # ICS1893CF
Download  ICS1893CF Click to download

File Size   1919.48 Kbytes
Page   126 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 3.3-V 10Base-T/100Base-TX Integrated PHYceive

ICS1893CF Datasheet (HTML) - Integrated Circuit Systems


ICS1893CF Product details

General

The ICS1893CF is a low-power, physical-layer device (PHY) that supports the ISO/IEC 10Base-T and 100Base-TX Carrier-Sense Multiple Access/Collision Detection (CSMA/CD) Ethernet standards, ISO/IEC 8802-3. The ICS1893CF is intended for MII, Node applications that require the Auto-MDIX feature that automatically corrects crossover errors in plant wiring.



Features

• Supports category 5 cables with attenuation in excess of 24dB at 100 MHz.

• Single-chip, fully integrated PHY provides PCS, PMA, PMD, and AUTONEG sub layers functions of IEEE standard.

• 10Base-T and 100Base-TX IEEE 8802.3 compliant

• Single 3.3V power supply

• Highly configurable, supports:

– Media Independent Interface (MII)

– Auto-Negotiation with Parallel detection

– Node applications, managed or unmanaged

– 10M or 100M full and half-duplex modes

– Loopback mode for Diagnostic Functions

– Auto-MDI/MDIX crossover correction

• Low-power CMOS (typically 400 mW)

• Power-Down mode typically 21mW

• Clock and crystal supported

• Fully integrated, DSP-based PMD includes:

– Adaptive equalization and baseline-wander correction

– Transmit wave shaping and stream cipher scrambler

– MLT-3 encoder and NRZ/NRZI encoder

• Small footprint 48-pin 300 mil. SSOP package

• Also available in small footprint 56-pin 8x8 MLF2 package

• Available in Industrial Temp and Lead Free




Similar Part No. - ICS1893CF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS1893CF IDT-ICS1893CF Datasheet
1Mb / 127P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
logo
Renesas Technology Corp
ICS1893CF RENESAS-ICS1893CF Datasheet
858Kb / 127P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver™
May, 2010
logo
Integrated Device Techn...
ICS1893CFI IDT-ICS1893CFI Datasheet
1Mb / 127P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
ICS1893CFILF IDT-ICS1893CFILF Datasheet
1Mb / 127P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
logo
Renesas Technology Corp
ICS1893CFILF RENESAS-ICS1893CFILF Datasheet
858Kb / 127P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver™
May, 2010
More results


Similar Description - ICS1893CF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1893 ICST-ICS1893 Datasheet
983Kb / 152P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
Rev C 6/6/00
ICS1893BF ICST-ICS1893BF Datasheet
1Mb / 133P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
ICS1893BRIEF ICST-ICS1893BRIEF Datasheet
389Kb / 7P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
Rev B 9/10/99
ICS1893BY-10 ICST-ICS1893BY-10 Datasheet
1Mb / 143P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
Rev A 3/24/04
ICS1893CY-10 ICST-ICS1893CY-10 Datasheet
1Mb / 143P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
Rev 1/07
logo
Integrated Device Techn...
ICS1893CF IDT-ICS1893CF Datasheet
1Mb / 127P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
ICS1893CK-40 IDT-ICS1893CK-40 Datasheet
1Mb / 121P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
logo
Integrated Circuit Syst...
ICS1893 ICST-ICS1893_09 Datasheet
948Kb / 152P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
Rev D 8/11/09
logo
Integrated Device Techn...
1893AFLF IDT-1893AFLF Datasheet
1Mb / 136P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
logo
Renesas Technology Corp
ICS1893AF RENESAS-ICS1893AF Datasheet
1Mb / 137P
3.3-V 10Base-T/100Base-TX Integrated PHYceiver
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com